Electronic Components Datasheet Search
  English  ▼

X  

AD1845 Datasheet(PDF) 35 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD1845 Datasheet HTML 31Page - Analog Devices AD1845 Datasheet HTML 32Page - Analog Devices AD1845 Datasheet HTML 33Page - Analog Devices AD1845 Datasheet HTML 34Page - Analog Devices AD1845 Datasheet HTML 35Page - Analog Devices AD1845 Datasheet HTML 36Page - Analog Devices AD1845 Datasheet HTML 37Page - Analog Devices AD1845 Datasheet HTML 38Page - Analog Devices AD1845 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD1845
–35–
REV. C
20–64pF
XTAL1I
24.576 MHz
XTAL1O
20–64pF
Figure 34. Crystal Connections
Note: XTAL2I and XTAL2O, are not used in the AD1845.
Analog Devices also recommends a pull-down resistor for
PWRDWN.
Good, standard engineering practices should be applied for
power-supply decoupling. Decoupling capacitors should be
placed as close as possible to package pins. If a separate analog
power supply is not available, we recommend the circuit shown
in Figure 35 for using a single +5 V supply. Ferrite beads suffice
for the inductors shown (typically 600
Ω at 100 MHz). This
circuitry should be as close to the supply pins as is practical.
0.1 F10 F
0.1 F
10 F
0.1 F
VDD
VDD
VDD
FB
–
+
–
+
10 F–
+
0.1 F
VCC
0.1 F
VCC
0.1 F
0.1 F
FB
+5V
SUPPLY
Figure 35. Recommended Power Supply Bypassing
GROUNDING AND LAYOUT
Analog Devices recommends a split ground plane as shown in
Figure 36. The analog plane and the digital plane are connected
directly under the AD1845. Splitting the ground plane directly
under the SoundPort Codec is optimal because analog pins will
be located above the analog ground plane and digital pins will
be located directly above the digital ground plane for the best
isolation.
Other schemes may also yield satisfactory results. If the split
ground plane recommended here is not possible, the AD1845
should be entirely over the analog ground plane with the op-
tional 74_245 transceiver over the digital plane.
Some manufacturers of compatible devices differentiate between
digital supply pins used to power internal logic and digital sup-
ply pins used to power the ISA bus driver. Their recommended
layout suggests connecting the internal logic supply pins to the
analog supply. A potential problem can occur if the layout con-
nects digital supply pins to the analog supply. Connecting some
of the digital supply pins to one supply and some of the digital
supply pins to a different supply can create an internal short
between the two different +5 V supplies.
Figure 30 shows ac-coupled line outputs. The resistors are used
to center the output signals around analog ground. If dc-cou-
pling is desired, VREF could be used with op amps as mentioned
above, if desired.
47k
L_OUT
1 F
R_OUT
1 F
47k
Figure 30. Line Output Connections
A circuit for headphone drive is illustrated in Figure 31. Drive is
supplied by +5 V operational amps. The circuit shown ac
couples the headphones to the line output.
HEADPHONE
LEFT
SSM-2135
10k
470 F
8.66k
8.66k
10k
HEADPHONE
RIGHT
470 F
L_OUT
V_REF
R_OUT
Figure 31. Headphone Drive Connections
Figure 32 illustrates reference bypassing. VREF_F should only be
connected to its bypass capacitors.
VREF_F
1.0µF
10µF
10µF
VREF
Figure 32. Voltage Reference Bypassing
Figure 33 illustrates signal-path filtering capacitors, L_FILT
and R_FILT. The AD1845 must use 1.0
µF capacitors; the
AD1845 will not perform properly with 1000 pF capacitors.
The 1.0
µF capacitors required by the AD1845 can be of any
type.
1.0µF
L_FILT
1.0µF
R_FILT
Figure 33. External Filter Capacitor Connections
The crystal shown in the crystal connection circuitry of Fig-
ure 34 should be 24.576 MHz, fundamental-mode and parallel-
tuned. Note that using the exact data sheet frequencies is not
required and that external clock sources can be used to over-
drive the AD1845’s internal oscillators. (See the description of
the CFS2:0 control bits above.) If using an external clock source,
apply it to the crystal input pins while leaving the crystal output
pins unconnected. Attention should be paid to providing low
jitter external input clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com