Electronic Components Datasheet Search
  English  ▼

X  

AD1845 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1845 Datasheet HTML 8Page - Analog Devices AD1845 Datasheet HTML 9Page - Analog Devices AD1845 Datasheet HTML 10Page - Analog Devices AD1845 Datasheet HTML 11Page - Analog Devices AD1845 Datasheet HTML 12Page - Analog Devices AD1845 Datasheet HTML 13Page - Analog Devices AD1845 Datasheet HTML 14Page - Analog Devices AD1845 Datasheet HTML 15Page - Analog Devices AD1845 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD1845
–12–
REV. C
A write to or a read from the Indexed Data Register will access the Indirect Register which is indexed by the value most recently
written to the Index Address Register. The Status Register and the PIO Data Register are always accessible directly, without
indexing. The 32 Indirect Register indexes are shown in Figure 5:
Index
Register Name
Reset/Default State
0
Left Input Control
000x
0000
1
Right Input Control
000x
0000
2
Left Aux #1 Input Control
1xx0
1000
3
Right Aux #1 Input Control
1xx0
1000
4
Left Aux #2 Input Control
1xx0
1000
5
Right Aux #2 Input Control
1xx0
1000
6
Left Output Control
1x00
0000
7
Right Output Control
1x00
0000
8
Clock and Data Format
0000
0000
9
Interface Configuration
00xx
1000
10
Pin Control
00xx
xx00
11
Test and Initialization
0000
0000
12
Miscellaneous Information
10x0
1010
13
Digital Mix/Attenuation
0000
00x0
14
Upper Base Count
0000
0000
15
Lower Base Count
0000
0000
16
Alternate Feature Enable/Left MIC Input Control
0001
0001
17
MIC Mix Enable/Right MIC Input Control
0001
000x
18
Left Line Gain, Attenuate, Mute, Mix
1xx0
1000
19
Right Line Gain, Attenuate, Mute, Mix
1xx0
1000
20
Lower Timer
0000
0000
21
Upper Timer
0000
0000
22
Upper Frequency Select
0001
1111
23
Lower Frequency Select
0100
0000
24
Capture Playback Timer
x000
0000
25
Revision ID
100x
x000
26
Mono Control
00xx
0011
27
Power-Down Control
000x
0xxx
28
Capture Data Format Control
0000
xxxx
29
Crystal Clock Select/Total Power-Down
000x
xxx0
30
Capture Upper Base Count
0000
0000
31
Capture Lower Base Count
0000
0000
“x” indicates reserved bit, always write “0s” to these bits.
Figure 5. Indirect Register Map and Reset/Default States
A detailed map of all direct and indirect register contents is summarized for reference as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com