Electronic Components Datasheet Search
  English  ▼

X  

AD1845 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 4 Page - Analog Devices

  AD1845 Datasheet HTML 1Page - Analog Devices AD1845 Datasheet HTML 2Page - Analog Devices AD1845 Datasheet HTML 3Page - Analog Devices AD1845 Datasheet HTML 4Page - Analog Devices AD1845 Datasheet HTML 5Page - Analog Devices AD1845 Datasheet HTML 6Page - Analog Devices AD1845 Datasheet HTML 7Page - Analog Devices AD1845 Datasheet HTML 8Page - Analog Devices AD1845 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD1845
–4–
REV. C
SYSTEM SPECIFICATIONS
Min
Typ
Max
Units
System Frequency Response Ripple (Line In to Line Out)*
1.0
dB
Differential Nonlinearity*
±1
LSB
Phase Linearity Deviation*
5
Degrees
STATIC DIGITAL SPECIFICATIONS
Min
Max
Units
High Level Input Voltage (VIH)
Digital Inputs
2.4
V
XTAL1I
2.4
V
Low Level Input Voltage (VIL)
0.8
V
High Level Output Voltage (VOH) IOH = –2 mA
2.4
V
Low Level Output Voltage (VOL) IOL = 2 mA
0.4
V
Input Leakage Current
–10
10
µA
Output Leakage Current
–10
10
µA
TIMING PARAMETERS (GUARANTEED OVER OPERATING TEMPERATURE RANGE, V DD = VCC = 5.0 V)
Min
Max
Units
WR/RD Strobe Width
(tSTW)
100
ns
WR/RD Rising to WR/RD Falling
(tBWND)80
ns
Write Data Setup to
WR Rising
(tWDSU)10
ns
RD Falling to Valid Read Data
(tRDDV)40
ns
CS Setup to WR/RD Falling
(tCSSU)10
ns
CS Hold from WR/RD Rising
(tCSHD)0
ns
Adr Setup to
WR/RD Falling
(tADSU)10
ns
Adr Hold from
WR/RD Rising
(tADHD)10
ns
DAK Rising to WR/RD Falling
(tSUDK1)20
ns
DAK Falling to WR/RD Rising
(tSUDK2)0
ns
DAK Setup to WR/RD Falling
(tDKSU)10
ns
Data Hold from
RD Rising
(tDHD1)20
ns
Data Hold from
WR Rising
(tDHD2)15
ns
DRQ Hold from
WR/RD Falling
(tDRHD)25
ns
DAK Hold from WR Rising
(tDKHDa)10
ns
DAK Hold from RD Rising
(tDKHDb)
10
ns
DBEN
/DBDIR Delay from WR/RD Falling
(tDBDL)
30
ns
PWRDWN and RESET Low Pulsewidth
300
ns
*Guaranteed, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com