Electronic Components Datasheet Search
  English  ▼

X  

AD1845 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 3 Page - Analog Devices

  AD1845 Datasheet HTML 1Page - Analog Devices AD1845 Datasheet HTML 2Page - Analog Devices AD1845 Datasheet HTML 3Page - Analog Devices AD1845 Datasheet HTML 4Page - Analog Devices AD1845 Datasheet HTML 5Page - Analog Devices AD1845 Datasheet HTML 6Page - Analog Devices AD1845 Datasheet HTML 7Page - Analog Devices AD1845 Datasheet HTML 8Page - Analog Devices AD1845 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ANALOG-TO-DIGITAL CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale, A-Weighted)
73
81
dB
THD+N (Referenced to Full Scale)
0.025
%
–76
–72
dB
Signal-to-Intermodulation Distortion
85
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–90
–80
dB
Line to MIC (Input LINE, Ground and Select MIC, Read ADC)
–90
–80
dB
Line to AUX1
–90
–80
dB
Line to AUX2
–90
–80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
–18.5
+10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.9
dB
ADC Offset Error
10
mV
DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Resolution
16
Bits
Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale, A-Weighted)
74
82
dB
THD+N (Referenced to Full Scale)
0.032
%
–78
–70
dB
Signal-to-Intermodulation Distortion
90
dB
Gain Error (Full-Scale Span Relative to Nominal Output Voltage)
–14.5
+10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.6
dB
DAC Crosstalk* (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)
–80
dB
Total Out-of-Band Energy (Measured from 0.6
× F
S to 100 kHz)*
–50
dB
Audible Out-of-Band Energy (Measured from 0.6
× F
S to 20 kHz)*
–70
dB
DAC ATTENUATOR
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB)
1.3
1.5
1.7
dB
Step Size (–22.5 dB to –94.5 dB)*
1.0
1.5
2.0
dB
Output Attenuation Range Span*
93.5
94.5
95.5
dB
ANALOG OUTPUT
Min
Typ
Max
Units
Full-Scale Output Voltage
OL = 0
1.7
2.0
2.2
V p-p
OL = 1
2.4
2.83
3.11
V p-p
Output Impedance*
600
Ω
External Load Impedance
10
k
Ω
Output Capacitance*
15
pF
External Load Capacitance
100
pF
VREF
2.05
2.25
2.60
V
VREF Current Drive
100
µA
VREF Output Impedance
4k
Ω
Mute Attenuation of 0 dB Fundamental* (L_OUT, R_OUT, M_OUT)
–80
dB
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)*
±5mV
*Guaranteed, not tested.
AD1845
–3–
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com