Electronic Components Datasheet Search
  English  ▼

X  

AD1845 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1845 Datasheet HTML 13Page - Analog Devices AD1845 Datasheet HTML 14Page - Analog Devices AD1845 Datasheet HTML 15Page - Analog Devices AD1845 Datasheet HTML 16Page - Analog Devices AD1845 Datasheet HTML 17Page - Analog Devices AD1845 Datasheet HTML 18Page - Analog Devices AD1845 Datasheet HTML 19Page - Analog Devices AD1845 Datasheet HTML 20Page - Analog Devices AD1845 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD1845
–17–
REV. C
RSS1
RSS0
Right Input Source
0
0
Right Line Source Selected
0
1
Right Auxiliary 1 Source Selected
1
0
Right Microphone Source Selected
1
1
Right Post-Mixed DAC Output Source Selected
This register’s initial state after reset is “000x 0000.”
Left Auxiliary #1 Input Control (IXA3:0 = 2)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
2
LMX1
res
res
LX1A4
LX1A3
LX1A2
LX1A1
LX1A0
LX1A4:0
Left Auxiliary Input #1 Attenuate Select. The least significant bit of this gain/attenuate select represents 1.5 dB.
LX1A4:0 = 0 produces a +12 dB gain. LX1A4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum attenua-
tion is –34.5 dB. See Figure 10.
res
Reserved for future expansion. Always write zeros to these bits.
LMX1
Left Auxiliary #1 Mute. This bit, when set, will mute the left channel of the Auxiliary #1 input source. This bit
powers up set.
This register’s initial state after reset is “1xx0 1000.”
Right Auxiliary #1 Input Control (IXA3:0 = 3)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
3
RMX1
res
res
RX1A4
RX1A3
RX1A2
RX1A1
RX1A0
RX1A4:0
Right Auxiliary Input #1 Attenuate Select. The least significant bit of this gain/attenuate select represents
1.5 dB. RX1A4:0 = 0 produces a +12 dB gain. RX1A4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum
attenuation is –34.5 dB. See Figure 10.
res
Reserved for future expansion. Always write zeros to these bits.
RMX1
Right Auxiliary #1 Mute. This bit, when set, will mute the right channel of the Auxiliary #1 input source. This
bit powers up set.
This register’s initial state after reset is “1xx0 1000.”
Left Auxiliary #2 Input Control (IXA3:0 = 4)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
4
LMX2
res
res
LX2A4
LX2A3
LX2A2
LX2A1
LX2A0
LX2A4:0
Left Auxiliary Input #2 Attenuate Select. The least significant bit of this gain/attenuate select represents 1.5 dB.
LX2A4:0 = 0 produces a +12 dB gain. LX2A4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum attenua-
tion is –34.5 dB. See Figure 10.
res
Reserved for future expansion. Always write zeros to these bits.
LMX2
Left Auxiliary #2 Mute. This bit, when set to 1, will mute the left channel of the Auxiliary #2 input source. This
bit powers up set.
This register’s initial state after reset is “1xx0 1000.”
Right Auxiliary #2 Input Control (IXA3:0 = 5)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
5
RMX2
res
res
RX2A4
RX2A3
RX2A2
RX2A1
RX2A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com