Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89 Datasheet HTML 1Page - ATMEL Corporation AT89 Datasheet HTML 2Page - ATMEL Corporation AT89 Datasheet HTML 3Page - ATMEL Corporation AT89 Datasheet HTML 4Page - ATMEL Corporation AT89 Datasheet HTML 5Page - ATMEL Corporation AT89 Datasheet HTML 6Page - ATMEL Corporation AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
4-61
68PLCC
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D7)
P2.6
(A14)
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
PSEN
(INT0)
P3.2
(TX D )
P 3.1
(T1)
P 3 .5
(INT1)
P3.3
(T0)
P 3 .4
P2.7
(A15)
23
1
RST
I NDEX
CORNER
NC
P2.5
(A13)
34
NC
42
43
40
41
6
5
44 4
3
2
26
25
28
27
18
19
20
24
21
22
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
P1.5
P1.6
P1.7
Features
• Compatible with MCS-51™ Products
• 8K Bytes of In-System Reprogrammable Flash Memory
– Endurance: 1,000 Write/Erase Cycles
• Fully Static Operation: 0 Hz to 24 MHz
• Three-Level Program Memory Lock
• 256 x 8-Bit Internal RAM
• 32 Programmable I/O Lines
• Three 16-Bit Timer/Counters
• Eight Interrupt Sources
• Programmable Serial Channel
• Low Power Idle and Power Down Modes
Description
The AT89C52 is a low-power, high-performance CMOS 8-bit microcomputer with 8K
bytes of Flash programmable and erasable read only memory (PEROM). The device
is manufactured using Atmel’s high density nonvolatile memory technology and is
compatible with the industry standard 80C51 and 80C52 instruction set and pinout.
The on-chip Flash allows the program memory to be reprogrammed in-system or by a
conventional nonvolatile memory programmer. By combining a versatile 8-bit CPU
with Flash on a monolithic chip, the Atmel AT89C52 is a powerful microcomputer
which provides a highly flexible and cost effective solution to many embedded control
applications.
0313F-A–12/97
8-Bit
Microcontroller
with 8K Bytes
Flash
AT89C52
PDIP
(T2)
P 1 .0
V CC
( T 2
EX)
P1.1
P0.0
( A D0)
P1.2
(INT0)
P3.2
ALE/PR OG
(RD)
P3.7
P2.3
(A11)
(TX D )
P 3.1
EA/VPP
(WR)
P3.6
P2.4
(A12)
(RX D )
P 3.0
P0.7
( A D7)
(T1)
P 3 .5
P2.6
(A14)
RST
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
P0.3
( A D3)
P0.2
( A D2)
P1.3
P0.1
( A D1)
(INT1)
P3.3
PSEN
XTAL2
P 2.2
( A10)
(T0)
P 3 .4
P2.7
(A15)
XTAL1
P 2.1
( A9)
GND
P 2.0
( A 8 )
P2.5
(A13)
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
22
23
24
25
26
40
39
38
37
36
35
34
33
32
31
30
29
28
27
P1.4
P1.5
P1.6
P1.7
Pin Configurations
PQFP/TQFP
23
1
I NDEX
CORNER
34
42
43
40
41
6
5
4
44
3
2
26
25
28
27
24
18
19
20
21
22
NC
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
NC
PSEN
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D7)
P2.6
(A14)
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
(INT0)
P3.2
(TX D )
P 3.1
(T1)
P 3 .5
(INT1)
P3.3
(T0)
P 3 .4
P2.7
(A15)
RST
P2.5
(A13)
P1.5
P1.6
P1.7
(continued)


Similar Part No. - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89 ATMEL-AT89 Datasheet
151Kb / 12P
8-Bit Microcontroller with 1K Byte Flash
AT89 ATMEL-AT89 Datasheet
129Kb / 15P
8-Bit Microcontroller with 4K Bytes Flash
AT89 ATMEL-AT89 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT892051 ATMEL-AT892051 Datasheet
251Kb / 13P
8-Bit Microcontroller with 2K Bytes Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
8-Bit Microcontroller with 1K Byte Flash
More results

Similar Description - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS8252 ATMEL-AT89LS8252 Datasheet
470Kb / 31P
8-Bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_02 Datasheet
439Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com