Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation AT89 Datasheet HTML 16Page - ATMEL Corporation AT89 Datasheet HTML 17Page - ATMEL Corporation AT89 Datasheet HTML 18Page - ATMEL Corporation AT89 Datasheet HTML 19Page - ATMEL Corporation AT89 Datasheet HTML 20Page - ATMEL Corporation AT89 Datasheet HTML 21Page - ATMEL Corporation AT89 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AT89C52
4-80
Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for VCC = 5.0V ± 20% and Load Capacitance = 80 pF.
Shift Register Mode Timing Waveforms
Symbol
Parameter
12 MHz Osc
Variable Oscillator
Units
Min
Max
Min
Max
tXLXL
Serial Port Clock Cycle Time
1.0
12tCLCL
µs
tQVXH
Output Data Setup to Clock Rising Edge
700
10tCLCL-133
ns
tXHQX
Output Data Hold After Clock Rising Edge
50
2tCLCL-117
ns
tXHDX
Input Data Hold After Clock Rising Edge
0
0
ns
tXHDV
Clock Rising Edge to Input Data Valid
700
10tCLCL-133
ns
t
XHDV
t
QVXH
t
XLXL
t
XHDX
t
XHQX
ALE
INPUT DATA
CLEAR RI
OUTPUT DATA
WRITE TO SBUF
INSTRUCTION
CLOCK
0
0
1
1
2
2
3
3
4
4
5
5
6
6
7
7
SET TI
SET RI
8
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
Float Waveforms(1)
Note:
1.
For timing purposes, a port pin is no longer floating
when a 100 mV change from load voltage occurs. A
port pin begins to float when a 100 mV change from
the loaded VOH/VOL level occurs.
V
LOAD
+ 0.1V
Timing Reference
Points
V
LOAD
- 0.1V
LOAD
V
V
OL
+ 0.1V
V
OL
- 0.1V
AC Testing Input/Output Waveforms(1)
Note:
1.
AC Inputs during testing are driven at VCC - 0.5V
for a logic 1 and 0.45V for a logic 0. Timing mea-
surements are made at VIH min. for a logic 1 and VIL
max. for a logic 0.
0.45V
TEST POINTS
V
- 0.5V
CC
0.2 V
+ 0.9V
CC
0.2 V
- 0.1V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com