Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation AT89 Datasheet HTML 16Page - ATMEL Corporation AT89 Datasheet HTML 17Page - ATMEL Corporation AT89 Datasheet HTML 18Page - ATMEL Corporation AT89 Datasheet HTML 19Page - ATMEL Corporation AT89 Datasheet HTML 20Page - ATMEL Corporation AT89 Datasheet HTML 21Page - ATMEL Corporation AT89 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AT89C52
4-79
External Data Memory Write Cycle
External Clock Drive Waveforms
External Clock Drive
Symbol
Parameter
Min
Max
Units
1/tCLCL
Oscillator Frequency
0
24
MHz
tCLCL
Clock Period
41.6
ns
tCHCX
High Time
15
ns
tCLCX
Low Time
15
ns
tCLCH
Rise Time
20
ns
tCHCL
Fall Time
20
ns
t
LHLL
t
LLWL
t
LLAX
t
WHLH
t
AVLL
t
WLWH
t
AVWL
t
QVWX
t
QVWH
t
WHQX
A0 - A7 FROM RI OR DPL
ALE
PSEN
WR
PORT 0
PORT 2
P2.0 - P2.7 OR A8 - A15 FROM DPH
A0 - A7 FROM PCL
A8 - A15 FROM PCH
DATA OUT
INSTR IN
t
CHCX
t
CHCX
t
CLCX
t
CLCL
t
CHCL
t
CLCH
V
- 0.5V
CC
0.45V
0.2 V
- 0.1V
CC
0.7 V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com