Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 7Page - ATMEL Corporation AT89 Datasheet HTML 8Page - ATMEL Corporation AT89 Datasheet HTML 9Page - ATMEL Corporation AT89 Datasheet HTML 10Page - ATMEL Corporation AT89 Datasheet HTML 11Page - ATMEL Corporation AT89 Datasheet HTML 12Page - ATMEL Corporation AT89 Datasheet HTML 13Page - ATMEL Corporation AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AT89C52
4-71
Oscillator Characteristics
XTAL1 and XTAL2 are the input and output, respectively,
of an inverting amplifier that can be configured for use as
an on-chip oscillator, as shown in Figure 7. Either a quartz
crystal or ceramic resonator may be used. To drive the
device from an external clock source, XTAL2 should be left
unconnected while XTAL1 is driven, as shown in Figure 8.
There are no requirements on the duty cycle of the external
clock signal, since the input to the internal clocking circuitry
is through a divide-by-two flip-flop, but minimum and maxi-
mum voltage high and low time specifications must be
observed.
Idle Mode
In idle mode, the CPU puts itself to sleep while all the on-
chip peripherals remain active. The mode is invoked by
software. The content of the on-chip RAM and all the spe-
cial functions registers remain unchanged during this
mode. The idle mode can be terminated by any enabled
interrupt or by a hardware reset.
Note that when idle mode is terminated by a hardware
reset, the device normally resumes program execution
from where it left off, up to two machine cycles before the
internal reset algorithm takes control. On-chip hardware
inhibits access to internal RAM in this event, but access to
the port pins is not inhibited. To eliminate the possibility of
an unexpected write to a port pin when idle mode is termi-
nated by a reset, the instruction following the one that
invokes idle mode should not write to a port pin or to exter-
nal memory.
Power Down Mode
In the power down mode, the oscillator is stopped, and the
instruction that invokes power down is the last instruction
executed. The on-chip RAM and Special Function Regis-
ters retain their values until the power down mode is termi-
nated. The only exit from power down is a hardware reset.
Reset redefines the SFRs but does not change the on-chip
RAM. The reset should not be activated before VCC is
restored to its normal operating level and must be held
active long enough to allow the oscillator to restart and sta-
bilize.
Figure 7. Oscillator Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
Figure 8. External Clock Drive Configuration
Status of External Pins During Idle and Power Down Modes
C2
XTAL2
GND
XTAL1
C1
XTAL2
XTAL1
GND
NC
EXTERNAL
OSCILLATOR
SIGNAL
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
00
Float
DataDataData



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com