Electronic Components Datasheet Search
  English  ▼

X  

AT89 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89 Datasheet HTML 10Page - ATMEL Corporation AT89 Datasheet HTML 11Page - ATMEL Corporation AT89 Datasheet HTML 12Page - ATMEL Corporation AT89 Datasheet HTML 13Page - ATMEL Corporation AT89 Datasheet HTML 14Page - ATMEL Corporation AT89 Datasheet HTML 15Page - ATMEL Corporation AT89 Datasheet HTML 16Page - ATMEL Corporation AT89 Datasheet HTML 17Page - ATMEL Corporation AT89 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AT89C52
4-74
Figure 10. Verifying the Flash Memory
P1
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
OOOOH/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-24 MHz
A8 - A12
P0
+5V
P2.7
PGM DATA
(USE 10K
PULLUPS)
V
IH
V
IH
ALE
P3.7
XTAL 2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89C52
Figure 9. Programming the Flash Memory
P1
P2.6
P3.6
P2.0 - P2.4
A0 - A7
ADDR.
OOOOH/1FFFH
SEE FLASH
PROGRAMMING
MODES TABLE
3-24 MHz
A8 - A12
P0
+5V
P2.7
PGM
DATA
PROG
V/V
IH
PP
V
IH
ALE
P3.7
XTAL2
EA
RST
PSEN
XTAL1
GND
V
CC
AT89C52
Flash Programming and Verification Characteristics
TA = 0°C to 70°C, VCC = 5.0 ± 10%
Note:
1. Only used in 12-volt programming mode.
Symbol
Parameter
Min
Max
Units
VPP
(1)
Programming Enable Voltage
11.5
12.5
V
IPP
(1)
Programming Enable Current
1.0
mA
1/tCLCL
Oscillator Frequency
3
24
MHz
tAVGL
Address Setup to PROG Low
48tCLCL
tGHAX
Address Hold After PROG
48tCLCL
tDVGL
Data Setup to PROG Low
48tCLCL
tGHDX
Data Hold After PROG
48tCLCL
tEHSH
P2.7 (ENABLE) High to VPP
48tCLCL
tSHGL
VPP Setup to PROG Low
10
µs
tGHSL
(1)
VPP Hold After PROG
10
µs
tGLGH
PROG Width
1
110
µs
tAVQV
Address to Data Valid
48tCLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
tEHQZ
Data Float After ENABLE
0
48tCLCL
tGHBL
PROG High to BUSY Low
1.0
µs
tWC
Byte Write Cycle Time
2.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com