Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
¨
1
FEATURES
DESCRIPTION
APPLICATIONS
RELATED PRODUCTS
1/4
OPA4830
V
IN
750W
562W
2.26kW
374W
22pF
+3.3V
100W
+3.3V
1/4
ADS5240
12-Bit
40MSPS
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
2
• HIGH BANDWIDTH:
The OPA4830 is a quad, low-power, single-supply,
280MHz (G = +1)
wideband, voltage-feedback amplifier designed to
120MHz (G = +2)
operate on a single +3V or +5V supply. Operation on
• LOW SUPPLY CURRENT:
±5V or +10V supplies is also supported. The input
3.9mA/ch (VS = +5V)
range extends below the negative supply and to
• FLEXIBLE SUPPLY RANGE:
within
1.8V
of
the
positive
supply.
Using
±1.4V to ±5.5V Dual Supply
complementary common-emitter outputs provides an
output swing to within 220mV of either supply while
+2.8V to +11V Single Supply
driving 150
Ω. High output drive current (±80mA) and
• INPUT RANGE INCLUDES GROUND ON
low differential gain and phase errors also make this
SINGLE SUPPLY
amplifier
an
excellent
choice
for
single-supply
• 4.91V OUTPUT SWING ON +5V SUPPLY
consumer video products.
• HIGH SLEW RATE: 560V/µs
Low distortion operation is ensured by the high gain
• LOW INPUT VOLTAGE NOISE: 9.2nV/√Hz
bandwidth
product
(110MHz)
and
slew
rate
(560V/
µs), making the OPA4830 an ideal input buffer
• AVAILABLE IN A TSSOP-14 PACKAGE
stage
to
3V
and
5V
CMOS
analog-to-digital
converters
(ADCs).
Unlike
other
low-power,
single-supply
amplifiers,
distortion
performance
• SINGLE-SUPPLY ANALOG-TO-DIGITAL
improves as the signal swing is decreased. A low
CONVERTER (ADC) INPUT BUFFERS
9.2nV/
√Hz input voltage noise supports wide dynamic
• SINGLE-SUPPLY VIDEO LINE DRIVERS
range operation.
• CCD IMAGING CHANNELS
The OPA4830 is available in an industry-standard
• ACTIVE FILTERS
quad pinout TSSOP-14 package.
• PLL INTEGRATORS
• PORTABLE CONSUMER ELECTRONICS
DESCRIPTION
SINGLES
DUALS
TRIPLES
QUADS
Rail-to-Rail
OPA830
OPA2830
—
—
Rail-to-Rail Fixed-Gain
OPA832
OPA2832
OPA3832
—
General-Purpose
OPA690
OPA2690
OPA3690
—
(1800V/
µs slew rate)
Low-Noise,
OPA820
OPA2822
—
OPA4820
High DC Precision
Figure 1. DC-Coupled, +3.3V ADC Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA690 TI-OPA690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4830 TI1-OPA4830 Datasheet
1Mb / 45P
Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com