Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments OPA690 Datasheet HTML 26Page - Texas Instruments OPA690 Datasheet HTML 27Page - Texas Instruments OPA690 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
1/4
OPA4830
325W
528W
78.7W
650W
+5V
845W
1.87kW
V
O
22 F
m
47 F
m
75W
VideoDAC
75
Load
W
AC-COUPLED OUTPUT VIDEO LINE DRIVER
3
0
-3
-6
-9
-12
-15
-18
-21
Frequency(Hz)
1
10
10
2
10
3
10
4
10
5
10
6
10
7
10
8
10
9
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
Figure 76. Video Line Driver with SAG Correction
output with a gain of approximately –20dB, so good
supply
decoupling
is
recommended
on
the
power-supply pin. Figure 77 shows the frequency
Low-power and low-cost video line drivers often
response for the circuit of Figure 76. This plot shows
buffer digital-to-analog converter (DAC) outputs with
the 8Hz low-frequency high-pass pole and a high-end
a gain of 2V/V into a doubly-terminated line. Those
cutoff at approximately 100MHz.
interfaces typically require a dc blocking capacitor.
For a simple solution, that interface often has used a
very large value blocking capacitor (220
µF) to limit
tilt, or SAG, across the frames. One approach to
creating a very low high-pass pole location using
much lower capacitor values is shown in Figure 76.
This circuit gives a voltage gain of 2 at the output pin
with a high-pass pole at 8Hz. Given the 150
Ω load, a
simple blocking capacitor approach would require a
133
µF value. The two much lower valued capacitors
give this same low-pass pole using this simple SAG
correction circuit of Figure 76.
The input is shifted slightly positive in Figure 76 using
the voltage divider from the positive supply. This
configuration gives about a 200mV input dc offset
that shows up at the output pin as a 400mV dc offset
when the DAC output is at zero current during the
Figure 77. Video Line Driver Response to Matched
sync tip portion of the video signal. This offset acts to
Load
hold the output in its linear operating region. This
circuit then passes on any power-supply noise to the
24
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com