Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
-55
-60
-65
-70
-75
-80
-85
-90
LoadResistance( )
W
100
1k
G=+2V/V
V =2V
O
PP
f=5MHz
3rd-Harmonic
2nd-Harmonic
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
-105
Frequency(MHz)
0.1
1
10
3rd-Harmonic
R =150W
L
2nd-Harmonic
R =150W
L
2nd-Harmonic
R =500W
L
3rd-Harmonic
R =500W
L
G=+2V/V
V =2V
O
PP
-55
-60
-65
-70
-75
-80
-85
-90
Gain(V/V)
1
10
R =500W
L
V =2V
O
PP
f=5MHz
3rd-Harmonic
2nd-Harmonic
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V
)
PP
0.1
1
10
2nd-Harmonic
3rd-Harmonic
G=+2V/V
R =500W
L
f=5MHz
InputLimited
-50
-55
-60
-65
-70
-75
-80
Gain(V/V)
1
10
R =500W
L
V =2V
O
PP
f=5MHz
3rd-Harmonic
2nd-Harmonic
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
Single-ToneLoadPower(dBm)
10MHz
5MHz
20MHz
750W
1/4
OPA4830
P
I
P
O
50W
500W
750W
-26
-23
-20
-17
-14
-11
-8
-5
-2
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 72).
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs FREQUENCY
Figure 30.
Figure 31.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs NONINVERTING GAIN
Figure 32.
Figure 33.
HARMONIC DISTORTION vs INVERTING GAIN
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 34.
Figure 35.
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com