Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments OPA690 Datasheet HTML 22Page - Texas Instruments OPA690 Datasheet HTML 23Page - Texas Instruments OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments OPA690 Datasheet HTML 26Page - Texas Instruments OPA690 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
DC LEVEL-SHIFTING
NG=G+V
/V
R =R /G
R =R /(NG
G)
R =R /(NG
1)
OUT
S
1
4
2
3
4
4
-
-
(1)
NG=1+R /R
V
=(G)V
+(NG
G)V
4
3
OUT
IN
S
-
(2)
1/4
OPA4830
+V
S
V
OUT
V
IN
R
3
R
2
R
1
R
4
1/4
OPA4830
+5V
-5V
V
O
50W
V
IN
R
F
750W
348W
50
Source
W
150W
R
G
750W
6.8 F
m
+
6.8 F
m
+
0.1 F
m
0.1 F
m
0.01 F
m
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
Figure 74 illustrates the dc-coupled, gain of +2V/V,
dual power-supply circuit configuration used as the
Figure 75 shows a DC-coupled noninverting amplifier
basis of the ±5V Electrical Characteristics and Typical
that level-shifts the input up to accommodate the
Characteristics.
For
test
purposes,
the
input
desired output voltage range. Given the desired
impedance is set to 50
Ω with a resistor to ground and
signal gain (G), and the amount VOUT needs to be
the output impedance is set to 150
Ω with a series
shifted up (
ΔVOUT) when VIN is at the center of its
output resistor. Voltage swings reported in the
range, Equation 1 and Equation 2 give the resistor
specifications are taken directly at the input and
values
that
produce
the
desired
performance.
output pins. For the circuit of Figure 74, the total
Assume that R4 is between 200Ω and 1.5kΩ.
effective load is 150
Ω
1.5k
Ω. Two optional
components are included in Figure 74. An additional
resistor
(348
Ω) is
included
in
series
with
the
noninverting input. Combined with the 25
Ω dc source
resistance looking back towards the signal generator,
this gives an input bias current cancelling resistance
that matches the 375
Ω source resistance seen at the
where:
inverting input (see the DC Accuracy and Offset
Control section). In addition to the usual power-supply
decoupling capacitors to ground, a 0.01
µF capacitor
is included between the two power-supply pins. In
Make sure that VIN and VOUT stay within the specified
practical printed circuit board layouts, this optional
input and output voltage ranges.
capacitor
typically
improves
the
2nd-harmonic
distortion performance by 3dB to 6dB.
Figure 75. DC Level-Shifting
The circuit on the front page is a good example of
this type of application. It was designed to take VIN
between 0V and 0.5V and produce VOUT between 1V
Figure 74. DC-Coupled, G = +2V/V, Bipolar Supply
and 2V when using a +3V supply. This output means
Specification and Test Circuit
G = 2.00, and
ΔVOUT = 1.50V – G × 0.25V = 1.00V.
Plugging these values into Equation 1 and Equation 2
(with R4 = 750Ω) gives: NG = 2.33, R1 = 375Ω, R2 =
2.25k
Ω, and R3 = 563Ω. The resistors were changed
to the nearest standard values for the front page
circuit.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com