Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 45 Page - Microsemi Corporation

Part # FG256
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG256 Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button FG256 Datasheet HTML 41Page - Microsemi Corporation FG256 Datasheet HTML 42Page - Microsemi Corporation FG256 Datasheet HTML 43Page - Microsemi Corporation FG256 Datasheet HTML 44Page - Microsemi Corporation FG256 Datasheet HTML 45Page - Microsemi Corporation FG256 Datasheet HTML 46Page - Microsemi Corporation FG256 Datasheet HTML 47Page - Microsemi Corporation FG256 Datasheet HTML 48Page - Microsemi Corporation FG256 Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-29
Table 2-31 • Summary of I/O Timing Characteristics—Software Default Settings
–1 Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst Case VCC = 1.425 V, Worst
Case VCCI = 3.0 V
Standard Plus I/O Banks
I/O Standard
3.3 V LVTTL /
3.3 V LVCMOS
12 mA 12 mA High
5
– 0.46 1.56 0.03 0.77 0.33 1.59 1.20 2.14 2.47 3.30 2.91 ns
3.3 V LVCMOS
Wide Range1,2
100 µA 12 mA High
5
–
–
–
–
–
–
–
–
–
–
–
–
ns
2.5 V LVCMOS 12 mA 12 mA High
5
– 0.46 1.59 0.03 0.99 0.33 1.61 1.32 2.16 2.38 3.33 3.03 ns
1.8 V LVCMOS
8 mA
8 mA High
5
– 0.46 1.59 0.03 0.99 0.33 1.61 1.32 2.16 2.38 3.33 3.03 ns
1.5 V LVCMOS
4 mA
4 mA High
5
– 0.46 2.15 0.03 1.09 0.33 2.19 1.82 2.32 2.40 3.90 3.53 ns
3.3 V PCI
Per
PCI
spec.
–
High
10
25 3 0.46 1.77 0.03 0.65 0.33 1.80 1.31 2.14 2.47 3.51 3.02 ns
3.3 V PCI-X
Per
PCI-X
spec.
–
High
10
25 3 0.46 1.77 0.03 0.64 0.33 1.80 1.31 2.14 2.47 3.51 3.02 ns
Notes:
1. The minimum drive strength for any LVCMOS 1.2 V or LVCMOS 3.3 V software configuration when run in wide range is
±100 µA. Drive strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the
IBIS models.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
3. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on page 2-81 for
connectivity. This resistor is not required during normal operation.
4. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com