Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # FG256
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG256 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button FG256 Datasheet HTML 69Page - Microsemi Corporation FG256 Datasheet HTML 70Page - Microsemi Corporation FG256 Datasheet HTML 71Page - Microsemi Corporation FG256 Datasheet HTML 72Page - Microsemi Corporation FG256 Datasheet HTML 73Page - Microsemi Corporation FG256 Datasheet HTML 74Page - Microsemi Corporation FG256 Datasheet HTML 75Page - Microsemi Corporation FG256 Datasheet HTML 76Page - Microsemi Corporation FG256 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-57
1.2 V DC Core Voltage
Table 2-75 • 2.5 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.77
6.24 0.05 1.86 2.31
0.50
6.36 5.30 2.45 1.98
8.37
7.31
ns
–1
0.66
5.31 0.04 1.58 1.97
0.43
5.41 4.51 2.08 1.68
7.12
6.22
ns
8 mA
Std.
0.77
5.10 0.05 1.86 2.31
0.50
5.20 4.49 2.79 2.64
7.21
6.50
ns
–1
0.66
4.34 0.04 1.58 1.97
0.43
4.42 3.82 2.37 2.24
6.13
5.53
ns
12 mA
Std.
0.77
4.29 0.05 1.86 2.31
0.50
4.37 3.91 3.03 3.05
6.39
5.92
ns
–1
0.66
3.65 0.04 1.58 1.97
0.43
3.72 3.32 2.58 2.60
5.43
5.04
ns
16 mA
Std.
0.77
4.05 0.05 1.86 2.31
0.50
4.12 3.78 3.08 3.17
6.13
5.79
ns
–1
0.66
3.44 0.04 1.58 1.97
0.43
3.51 3.22 2.62 2.70
5.22
4.93
ns
24 mA
Std.
0.77
3.94 0.05 1.86 2.31
0.50
4.01 3.80 3.15 3.60
6.03
5.81
ns
–1
0.66
3.35 0.04 1.58 1.97
0.43
3.41 3.23 2.68 3.06
5.13
4.94
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-76 • 2.5 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.77
3.18 0.05 1.86 2.31
0.50
3.24 2.84 2.45 2.06
5.25
4.85
ns
–1
0.66
2.71 0.04 1.58 1.97
0.43
2.76 2.42 2.08 1.75
4.47
4.13
ns
8 mA
Std.
0.77
2.61 0.05 1.86 2.31
0.50
2.65 2.19 2.79 2.73
4.67
4.20
ns
–1
0.66
2.22 0.04 1.58 1.97
0.43
2.26 1.86 2.37 2.32
3.97
3.57
ns
12 mA
Std.
0.77
2.26 0.05 1.86 2.31
0.50
2.30 1.86 3.03 3.15
4.32
3.88
ns
–1
0.66
1.92 0.04 1.58 1.97
0.43
1.96 1.59 2.58 2.68
3.67
3.30
ns
16 mA
Std.
0.77
2.20 0.05 1.86 2.31
0.50
2.24 1.80 3.08 3.26
4.26
3.82
ns
–1
0.66
1.87 0.04 1.58 1.97
0.43
1.91 1.54 2.62 2.77
3.62
3.25
ns
24 mA
Std.
0.77
2.21 0.05 1.86 2.31
0.50
2.25 1.73 3.15 3.70
4.27
3.74
ns
–1
0.66
1.88 0.04 1.58 1.97
0.43
1.92 1.47 2.68 3.14
3.63
3.18
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com