Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 55 Page - Microsemi Corporation

Part # FG256
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG256 Datasheet(HTML) 55 Page - Microsemi Corporation

Back Button FG256 Datasheet HTML 51Page - Microsemi Corporation FG256 Datasheet HTML 52Page - Microsemi Corporation FG256 Datasheet HTML 53Page - Microsemi Corporation FG256 Datasheet HTML 54Page - Microsemi Corporation FG256 Datasheet HTML 55Page - Microsemi Corporation FG256 Datasheet HTML 56Page - Microsemi Corporation FG256 Datasheet HTML 57Page - Microsemi Corporation FG256 Datasheet HTML 58Page - Microsemi Corporation FG256 Datasheet HTML 59Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-39
Table 2-41 • I/O Short Currents IOSH/IOSL
Applicable to Advanced I/O Banks
Standard
Drive Strength
IOSL (mA)*
IOSH (mA)*
3.3 V LVTTL / 3.3 V LVCMOS
2 mA
25
27
4 mA
25
27
6 mA
51
54
8 mA
51
54
12 mA
103
109
16 mA
132
127
24 mA
268
181
3.3 V LVCMOS Wide Range
100 µA
Same as regular 3.3 V LVCMOS Same as regular 3.3 V LVCMOS
2.5 V LVCMOS
2 mA
16
18
4 mA
16
18
6 mA
32
37
8 mA
32
37
12 mA
65
74
16 mA
83
87
24 mA
169
124
1.8 V LVCMOS
2 mA
9
11
4 mA
17
22
6 mA
35
44
8 mA
45
51
12 mA
91
74
16 mA
91
74
1.5 V LVCMOS
2 mA
13
16
4 mA
25
33
6 mA
32
39
8 mA
66
55
12 mA
66
55
1.2 V LVCMOS
2 mA
20
26
1.2 V LVCMOS Wide Range
100 µA
20
26
3.3 V PCI/PCI-X
Per PCI/PCI-X
specification
103
109
Note: *TJ = 100°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com