Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 92 Page - Microsemi Corporation

Part # FG256
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG256 Datasheet(HTML) 92 Page - Microsemi Corporation

Back Button FG256 Datasheet HTML 88Page - Microsemi Corporation FG256 Datasheet HTML 89Page - Microsemi Corporation FG256 Datasheet HTML 90Page - Microsemi Corporation FG256 Datasheet HTML 91Page - Microsemi Corporation FG256 Datasheet HTML 92Page - Microsemi Corporation FG256 Datasheet HTML 93Page - Microsemi Corporation FG256 Datasheet HTML 94Page - Microsemi Corporation FG256 Datasheet HTML 95Page - Microsemi Corporation FG256 Datasheet HTML 96Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-76
Revision 13
1.2 V LVCMOS (JESD8-12A)
Low-Voltage CMOS for 1.2 V complies with the LVCMOS standard JESD8-12A for general purpose 1.2 V
applications. It uses a 1.2 V input buffer and a push-pull output buffer.
Table 2-113 • Minimum and Maximum DC Input and Output Levels
Applicable to Advanced I/O Banks
1.2 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH IOSH1
IOSL1 IIL2 IIH2
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA
Max.
mA
µA µA
2 mA
–0.3
0.35 * VCCI 0.65 * VCCI 1.26
0.25 * VCCI 0.75 * VCCI 2
2
TBD
TBD
10 10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.
Table 2-114 • Minimum and Maximum DC Input and Output Levels
Applicable to Standard Plus I/O Banks
1.2 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH IOSH1 IOSL1 IIL2 IIH2
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA
Max.
mA
µA µA
2 mA
–0.3
0.35 * VCCI 0.65 * VCCI 1.26
0.25 * VCCI 0.75 * VCCI 2
2
TBD
TBD
10 10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.
Table 2-115 • Minimum and Maximum DC Input and Output Levels
Applicable to Standard I/O Banks
1.2 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH IOSH1
IOSL1 IIL2 IIH2
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA
Max.
mA
µA µA
2 mA
–0.3
0.35 * VCCI 0.65 * VCCI 1.26
0.25 * VCCI 0.75 * VCCI 2
2
TBD
TBD
10 10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com