Electronic Components Datasheet Search
  English  ▼

X  

FG256 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # FG256
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG256 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button FG256 Datasheet HTML 14Page - Microsemi Corporation FG256 Datasheet HTML 15Page - Microsemi Corporation FG256 Datasheet HTML 16Page - Microsemi Corporation FG256 Datasheet HTML 17Page - Microsemi Corporation FG256 Datasheet HTML 18Page - Microsemi Corporation FG256 Datasheet HTML 19Page - Microsemi Corporation FG256 Datasheet HTML 20Page - Microsemi Corporation FG256 Datasheet HTML 21Page - Microsemi Corporation FG256 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-2
Revision 13
Table 2-2 •
Recommended Operating Conditions 1
Symbol
Parameter
Commercial
Industrial
Units
TA
Ambient temperature
0 to +70
–40 to +85
°C
TJ
Junction Temperature
0 to + 85
–40 to +100
°C
VCC 2
1.2 V–1.5 V wide range core voltage 3
1.14 to 1.575
1.14 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
1.4 to 3.6
V
VPUMP 5
Programming voltage
Programming Mode 4
3.15 to 3.45
3.15 to 3.45
V
Operation 5
0 to 3.6
0 to 3.6
V
VCCPLL 6
Analog power supply (PLL)
1.2 V–1.5 V wide range
core voltage 3
1.14 to 1.575
1.14 to 1.575
V
VCCI
and
VMV 7
1.2 V DC supply voltage8
1.14 to 1.26
1.14 to 1.26
V
1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V wide range DC supply voltage9
2.7 to 3.6
2.7 to 3.6
V
3.3 V DC supply voltage
3.0 to 3.6
3.0 to 3.6
V
LVDS differential I/O
2.375 to 2.625
2.375 to 2.625
V
LVPECL differential I/O
3.0 to 3.6
3.0 to 3.6
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-14 on page 2-10. VCCI should be at the same voltage within a given I/O bank.
3. All ProASIC3L devices must be programmed with the VCC core voltage at 1.5 V.
4. The programming temperature range supported is Tambient = 0°C to 85°C.
5. VPUMP can be left floating during normal operation (not programming mode).
6. VCCPLL pins should be tied to VCC pins. See the "VCCPLA/B/C/D/E/F PLL Supply Voltage" section on page 3-1 for
further information.
7. VMV pins must be connected to the corresponding VCCI pins. See the "VMVx I/O Supply Voltage (quiet)" section on
page 3-1 for further information.
8. For ProASIC®3L devices, VCCI
VCC.
9. 3.3 V wide range is compliant to the JESD8-A specification and supports 3.0 V VCCI operation.
Table 2-3 •
Flash Programming Limits – Retention, Storage, and Operating Temperature1
Product
Grade
Programming
Cycles
Program Retention
(biased/unbiased)
Maximum Storage
Temperature TSTG (°C) 2
Maximum Operating
Junction Temperature TJ (°C) 2
Commercial
500
20 years
110
100
Industrial
500
20 years
110
100
Notes:
1. This is a stress rating only; functional operation at any condition other than those indicated is not implied.
2. These limits apply for program/data retention only. Refer to Table 2-1 on page 2-1 and Table 2-2 for device operating
conditions and absolute limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com