Electronic Components Datasheet Search
  English  ▼

X  

AN1004 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN1004
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1004 Datasheet(HTML) 3 Page - Microchip Technology

  AN1004 Datasheet HTML 1Page - Microchip Technology AN1004 Datasheet HTML 2Page - Microchip Technology AN1004 Datasheet HTML 3Page - Microchip Technology AN1004 Datasheet HTML 4Page - Microchip Technology AN1004 Datasheet HTML 5Page - Microchip Technology AN1004 Datasheet HTML 6Page - Microchip Technology AN1004 Datasheet HTML 7Page - Microchip Technology AN1004 Datasheet HTML 8Page - Microchip Technology AN1004 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Serial Memory Products
3
Key Benefits
■ Lower system costs – innovative products, tiny packages,
low power consumption, fewer I/O pins, small form factor
■ Save I/O pins on the MCU – more compact designs, add
additional features
■ Secure data with write-protect options
■ Highest quality EEPROMs
– Zero PPM initiatives – Triple-test flow
– >1M cycles E/W endurance
■ Faster time to market
– Short lead times
– Complete tools support
■ Robust designs – broad operating conditions
■ Long product life cycles
■ Global sales & engineering support
Key Features
■ Serial architecture – I2C, SPI, UNI/O, Microwire
■ Broad range of densities
■ Tiny 3, 5, 6 and 8-pin packages, die & wafer
■ Innovative, low power designs
■ Industry leading endurance
■ Wide temperature and voltage range
■ Fast read and write times
■ Flexible:
– Byte write capability
– Package options
– Custom programming options
– Application-specific serial memory
■ Microchip owned fabs, In-house testing
■ Automotive flow on all products
Serial EEPROM
■ SPI, I2C™, Microwire, UNI/O®Bus
■ Non-Volatile Memory
■ 128 bits-1Mbit
■ 1.7V-5.5V
■ 1M Cycles E/W Endurance
■ Fast Read/Write Times
■ Low Power Consumption
Serial SRAM
■ SPI Bus, 20 MHz
■ Volatile Memory
■ 8, 32 Kbytes
■ 1.5V-1.95V; 2.7V-3.6V
■ Infinite Endurance
■ Zero Write Speeds
■ Low Power
Outstanding Quality
Innovative Products
Reliable Supply
Serial Memory Advantages
Serial Memory Products
Serial EEPROM Bus Comparison
Parameter
I2CMicrowire
UNI/O
SPI
Density Range
128b-1 Mbit
1 Kb-16 Kb
1 Kb-16 Kbit
1Kb-1 Mbit
Speed
Up to 1 MHz
Up to 3 MHz
Up to 100 KHz
Up to 20 MHz
I/O Pins
2: Clock, Data
4: Clock, CS, DI, DO
1: Clock/Data
4: SCK, CS, DI, DO
Package Options
PDIP, SOIC, SOIJ, TSSOP,
MSOP, 2x3 T-DFN, 6x5 DFN,
SOT-23, SC70, WLCSP
PDIP, SOIC, TSSOP,
MSOP, 2x3 T-DFN,
SOT-23
PDIP, SOIC, TSSOP,
MSOP, 2x3 T-DFN,
SOT-23, TO92, WLCSP
PDIP, SOIC, SOIJ, TSSOP,
MSOP, 2x3 T-DFN,
6x5 DFN, SOT-23
Security Options
HW
HW
SW
HW, SW
Pricing
Least Expensive
Most Expensive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com