Electronic Components Datasheet Search
  English  ▼

X  

AN1004 Datasheet(PDF) 7 Page - Microchip Technology

Part # AN1004
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1004 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AN1004 Datasheet HTML 3Page - Microchip Technology AN1004 Datasheet HTML 4Page - Microchip Technology AN1004 Datasheet HTML 5Page - Microchip Technology AN1004 Datasheet HTML 6Page - Microchip Technology AN1004 Datasheet HTML 7Page - Microchip Technology AN1004 Datasheet HTML 8Page - Microchip Technology AN1004 Datasheet HTML 9Page - Microchip Technology AN1004 Datasheet HTML 10Page - Microchip Technology AN1004 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Serial Memory Products
7
Flexibility and Low Cost Access
Quickly add EUI-48 to your networking application
and get to market faster
■ Buy code only when needed.
■ No added programming and serialization cost –
Reduce System Costs
■ Come with no volume restrictions.
■ Additional EEPROM to store configuration settings
■ Unique ID
Plug-and-Play Devices
EUI-48 address embedded in a 2K-bit Serial EEPROM
■ Quick and easy access to IEEE MAC addresses –
Read code directly off Serial EEPROM
■ Available in SPI, I2C and UNI/O bus
■ At least 1.5 Kb of Serial EEPROM memory
■ Available in SOIC and SOT-23 packages
■ Write-protected codes
■ EUI-48 and EUI-64 compatible
– EUI-48: Networking, Ethernet, Wi-Fi (IEEE 802.11),
Bluetooth
– EUI-64: ZigBee (IEEE802.15.4), MiWi™, FireWire, IPv6
EUI-48™/EUI-64™ MAC Address Chips
Need fast, easy and inexpensive access to MAC
addresses? Use pre-programmed MAC address chips
from Microchip. No serialization needed; unique ID.
EUI-48 Programmed Serial EEPROMs provide low cost and easy access
to IEEE MAC Addresses. These plug-and-play devices allow you to quickly
add a MAC address to your networking application eliminating the need for
programming and serialization on the MCU – helping you save cost and get
to market quicker. For more information visit: www.microchip.com/MAC
24AA02E48
100 KHz
I2C
25AA02E48
10 MHz
SPI
11AA02E48
100 KHz
UNI/O
More Speciality EEPROMs
I2C and SPI Serial EEPROMs with Optional Range from -55°C to +150°C
■ Automotive turbo chargers and exhaust gas recirculation
■ Automotive fan motors, air valves, flaps and spark plugs
■ Aerospace
■ Mining (certifications for use in explosive atmospheres available)
150oC
Partial Array Write-Protect I2C EEPROMs
Microchip’s family of partial array write-protect (WP) EEPROMs offers hardware write-protect capability for only a part of the
memory array. These I2C EEPROM devices are available from 1 Kb-64 Kbit.
32 & 64 Kbit
1/4 Array WP
1/2 Array WP
User data, real-time updates,
data that changes
1 Kbit-16 Kbit
Calibration parameters, unique ID,
data that never changes
■ Can be custom programmed in any memory density. Contact Microchip sales for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com