Electronic Components Datasheet Search
  English  ▼

X  

AN1004 Datasheet(PDF) 14 Page - Microchip Technology

Part # AN1004
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1004 Datasheet(HTML) 14 Page - Microchip Technology

Back Button AN1004 Datasheet HTML 8Page - Microchip Technology AN1004 Datasheet HTML 9Page - Microchip Technology AN1004 Datasheet HTML 10Page - Microchip Technology AN1004 Datasheet HTML 11Page - Microchip Technology AN1004 Datasheet HTML 12Page - Microchip Technology AN1004 Datasheet HTML 13Page - Microchip Technology AN1004 Datasheet HTML 14Page - Microchip Technology AN1004 Datasheet HTML 15Page - Microchip Technology AN1004 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Serial Memory Products
Product Specifications
I2C™ Memory Products
Device
Density
(Organization)
Max
Clock
Frequency
Operating
Voltage
(AA, LC, C)
Temperature
(I, E, H)
Endurance
(E/W
Cycles)
Data
Retention
Write
Protect
(Hardware)
Packages
24XX00
128 bits (x8)
400 kHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
No
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN
24XX01/014
1 Kbit (x8)
400 kHz
1.7V-5.5V
-40°C to +150ºC
1M
200 years
W, ½
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, SC70
24XX02/024
2 Kbits (x8)
400 kHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
W, ½
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, SC70
24XX04
4 Kbits (x8)
400 kHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
W, ½
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, WLCSP
24XX08
8 Kbits (x8)
400 kHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
W, ½
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP
24XX16
16 Kbits (x8)
400 kHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
W, ½
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, WLCSP
24XX32
32 Kbits (x8)
400 kHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
W, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, WLCSP
24XX64/65
64 Kbits (x8)
1 MHz
1.7V-5.5V
-40°C to +125ºC
1M/10M
200 years
W, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, WLCSP
24XX128
128 Kbits (x8)
1 MHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
Yes
PDIP, SOIC, TSSOP, 2x3 T-DFN, 6x5 DFN, MSOP, WLCSP
24XX256
256 Kbits (x8)
1 MHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
Yes
PDIP, SOIC, TSSOP, 6x5 DFN, MSOP, WLCSP
24XX512
512 Kbits (x8)
1 MHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
Yes
PDIP, SOIC, TSSOP, 6x5 DFN, WLCSP
24XX1025
1 Mbit (x8)
1 MHz
1.7V-5.5V
-40°C to +125ºC
1M
200 years
Yes
PDIP, SOIC, SOIJ, 6x5 DFN
SPI EEPROM Products
Device
Density
(Organization)
Max Clock
Frequency
Operating
Voltage
(AA, LC)
Temperature
(I, E, H)
Endurance
(E/W
Cycles)
Data
Retention
Write Protect
(Software)
Packages
25XX010A
1 Kbit (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, 2x3 T-DFN, MSOP, SOT-23
25XX020A
2 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, 2x3 T-DFN, MSOP, SOT-23
25XX040A
4 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, 2x3 T-DFN, MSOP, SOT-23
25XX080C/D
8 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, MSOP, 2x3 T-DFN
25XX160C/D
16 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, MSOP, 2x3 T-DFN
25XX320A
32 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, MSOP, 2x3 T-DFN
25XX640A
64 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, MSOP, 2x3 T-DFN
25XX128
128 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, 6x5 DFN
25XX256
256 Kbits (x8)
10 MHz
1.8V-5.5V
-40°C to +150ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, 6x5 DFN
25XX512
512 Kbits (x8)
20 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, 6x5 DFN
25XX1024
1 Mbit (x8)
20 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIJ, 6x5 DFN
1. Voltage Range: AA = 1.7- 5.5V; LC = 2.5-5.5V; C = 4.5-5.5V
2. I = -40ºC to 85ºC; E = -40ºC to 125ºC; H = -40ºC to 150ºC
3. Pb-Free, Halogen Free and RoHS Compliant
4. Write Protect: W = Whole Array, ½ = Half Array, ¼ = Quarter Array
5. ESD protection > 4 kV (HBM); > 400V (MM) on all pins
6. H Temp is SOIC only
Microwire EEPROM Products
Device
Density
(x8 or x16)
Max
Clock
Frequency
Operating
Voltage
(AA, LC, C)
Temperature
(I, E)
Endurance
(E/W
Cycles)
Data
Retention
Write
Protect
(Hardware)
Read
Current
Packages
93XX46A/B/C
1 Kbit
3 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
No
1 mA
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP
93XX56A/B/C
2 Kbits
3 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
No
1 mA
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP
93XX66A/B/C
4 Kbits
3 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
No
1 mA
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP
93XX76A/B/C
8 Kbits
3 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
Yes
1 mA
PDIP, SOIC, TSSOP, 2x3 T-DFN, MSOP
93XX86A/B/C
16 Kbits
3 MHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
Yes
1 mA
PDIP, SOIC, TSSOP, 2x3 T-DFN, MSOP
A: x8 Organization, B: x16 Organization, C: Selectable x8 or x16 Organization
UNI/O® Bus EEPROM Products
Device
Density
(Organization)
Max
Clock
Frequency
Operating
Voltage
(AA, LC)
Temperature
(I, E)
Endurance
(E/W
Cycles)
Data
Retention
Write
Protect
(Software)
Packages
11XX010
1 Kbit (x8)
100 kHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, TO92, WLCSP
11XX020
2 Kbits (x8)
100 kHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, TO92, WLCSP
11XX040
4 Kbits (x8)
100 kHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, TO92, WLCSP
11XX080
8 Kbits (x8)
100 kHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, TO92, WLCSP
11XX160
16 Kbits (x8)
100 kHz
1.8V-5.5V
-40°C to +125ºC
1M
200 years
W, ½, ¼
PDIP, SOIC, TSSOP, SOT-23, 2x3 T-DFN, MSOP, TO92, WLCSP
Serial SRAM Products
Device
Density
Organization)
Max
Clock Frequency
Operating
Voltage (A, K)
Temperature
(I, E)
Read Current
(mA)
Max Standby
Current
Packages
23x640
8KB (64 Kbits)
20 MHz
1.8V, 3V
-40°C to +125ºC
3 mA
4 μA
PDIP, SOIC, TSSOP
23X256
32 KB (256 Kbits)
20 MHz
1.8V, 3V
-40°C to +125ºC
3 mA
4 μA
PDIP, SOIC, TSSOP
1. Voltage Range: A = 1.5- 1.95V; K = 2.7V-3.6V
2. All Devices are Pb-Free, RoHS Compliant and Halogen Free
For up to date product information visit: www.microchip.com/memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com