Electronic Components Datasheet Search
  English  ▼

X  

AN1004 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN1004
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1004 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN1004 Datasheet HTML 2Page - Microchip Technology AN1004 Datasheet HTML 3Page - Microchip Technology AN1004 Datasheet HTML 4Page - Microchip Technology AN1004 Datasheet HTML 5Page - Microchip Technology AN1004 Datasheet HTML 6Page - Microchip Technology AN1004 Datasheet HTML 7Page - Microchip Technology AN1004 Datasheet HTML 8Page - Microchip Technology AN1004 Datasheet HTML 9Page - Microchip Technology AN1004 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Serial Memory Products
Application-Specific EEPROMs
Innovative EEPROM options to help you get to market faster and deliver the highest
performance at lowest costs.
Serial Memory Products – Application Examples
Microchip Strengths
Applications
Quality, PPAP, long product life
cycles, AEC Q-100 & TSO-16949
compliant, in-house testing,
triple-test flow
Transmission, ABS, Power Train, Airbag,
Entertainment System, Mirror Controllers,
GPS, Steering Control
Outstanding quality, and reliability,
tiny packages, low power, Microchip
owned fabs
Blood Glucose Meters, Hearing Aid,
Medical Imaging Devices, XRAY, Oxygen
Concentrator,
ECG
Robust designs, high endurance,
wide operating range, custom part
options
Metering, Industrial Control, Security
Systems, Alarm Systems, Sensor
Networks, Battery Chargers
Short lead times, excellent supply,
innovative packages, application
specific options, low power
LCD TV, Set Top Box, Printers, Blue Tooth,
Wireless, Laptop, Mouse, Networking,
DDR2/3, Camera, POS, Appliances
Specialty EEPROM Applications
Application/Market
Design Challenge
Solution
Products
Benefits
Monitors, Projectors,
Flat Panel Display
DDC1™ & DDC2™, EDID
& E-EDID specification
Vesa products
24LCS21A,
24LCS22A
Quick, easy plug & play options
Networking, Ethernet,
Wi-Fi, ZigBee®
EUI-48™/EUI-64™ MAC
Address
MAC address chips
24AA02E48,
11AA02E48,
25AA02E48
Easy access, Low-cost,
Plug & play, Additional EEPROM
PCs and Laptops –
DRAM DIMM Modules
DDR1/2/3 Specification
DIMM SPD products,
Temp sensor with EEPROM
24LCS52, 34XX02,
MCP98242
Customizable software enabled WP
Industrial, Consumer
Electronics
Systems that require
locked and/or
re-writeable memory
Write-protect options
I2C, SPI, UNI/O and
Microwire Options
available
One lower cost device replace two
stand-alone parts
HDCP Chipset (TV)
Adding HDCP keys to
your chipset
Secure wafer
programming service
4K/8K – I2C, SPI,
Microwire
Secure, No code duplication, Lower
overall costs, Factory-programmed
serialization
Industrial
Need devices to operate
beyond -40C to +125C
High temp. EEPROMs:
up to 150°C
Low temp EEPROMs:
down to -55°C
1 Kbit, I2C and
1-256 Kbit SPI
Robust design, Reduce chances of
field failures
Automotive
Automotive Qualification
Special manufacturing flow
All
Robust design, Hassle-free solution
Consumer Electronics,
Medical
Need Very Low Voltage
Very Low Voltage EEPROMs
24VL014, 24VL024,
34VL02
Low power operation, Reduced
system voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com