Electronic Components Datasheet Search
  English  ▼

X  

PD104SLF Datasheet(PDF) 18 Page - AZ Displays

Part # PD104SLF
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLF Datasheet(HTML) 18 Page - AZ Displays

Back Button PD104SLF Datasheet HTML 14Page - AZ Displays PD104SLF Datasheet HTML 15Page - AZ Displays PD104SLF Datasheet HTML 16Page - AZ Displays PD104SLF Datasheet HTML 17Page - AZ Displays PD104SLF Datasheet HTML 18Page - AZ Displays PD104SLF Datasheet HTML 19Page - AZ Displays PD104SLF Datasheet HTML 20Page - AZ Displays PD104SLF Datasheet HTML 21Page - AZ Displays PD104SLF Datasheet HTML 22Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
PD104SLF
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:18
9. Optical Characteristics
9-1) Specification:
Ta = +25
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Remarks
Horizontal
65
70
-
deg
(to 12
o’clock)
45
50
-
deg
Viewing Angle
Vertical
(to 6
o’clock)
CR
≥10
55
60
-
deg
Note 9-1
Contrast Ratio
CR
Optimum
direction
200
400
-
-
Note 9-2
Rise
Tr
-
15
50
ms
Response time
Fall
Tf
=0
=0
-
25
50
ms
Note 9-3
Brightness
L
=0
°/ =0
300
400
-
cd/
Note 9-4
Luminance Uniformity
U
70
80
-
%
Note 9-5
x
0.28
0.32
0.36
-
White Chromaticity
y
0.31
0.35
0.39
-
Cross Talk Ratio
CTK
-
-
3.5
%
Note 9-6
LED Life Time
20000
30000
-
hr
Note 9-7
All the optical measurement shall be executed 30 minutes after backlight being turn-on. The
optical characteristics shall be measured in dark room (ambient illumination on panel surface less
than 1 Lux). The measuring configuration shows as following figure.
Photometer (TOPCON
BM-5A or BM-7 fast)
TFT-LCD module
DC/AC Inverter
Optical characteristics measuring configuration
Field = 1
°
P-511-509(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com