Electronic Components Datasheet Search
  English  ▼

X  

PD104SLF Datasheet(PDF) 19 Page - AZ Displays

Part # PD104SLF
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLF Datasheet(HTML) 19 Page - AZ Displays

Back Button PD104SLF Datasheet HTML 15Page - AZ Displays PD104SLF Datasheet HTML 16Page - AZ Displays PD104SLF Datasheet HTML 17Page - AZ Displays PD104SLF Datasheet HTML 18Page - AZ Displays PD104SLF Datasheet HTML 19Page - AZ Displays PD104SLF Datasheet HTML 20Page - AZ Displays PD104SLF Datasheet HTML 21Page - AZ Displays PD104SLF Datasheet HTML 22Page - AZ Displays PD104SLF Datasheet HTML 23Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
PD104SLF
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:19
Note 9-1
The definitions of viewing angles are as follows.
12 o’clock
3 o’clock
9 o’clock
6 o’clock
θθθθ
φφφφ
LED connector
Note 9-2 : The definition of contrast ratio
=
Note 9-3: Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
White
Black
Tr
Tf
Note 9-4 : Topcon BM-5A or BM-7 fast luminance meter 1 field of view is used in the testing.
P-511-509(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com