Electronic Components Datasheet Search
  English  ▼

X  

PD104SLF Datasheet(PDF) 23 Page - AZ Displays

Part # PD104SLF
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLF Datasheet(HTML) 23 Page - AZ Displays

Back Button PD104SLF Datasheet HTML 17Page - AZ Displays PD104SLF Datasheet HTML 18Page - AZ Displays PD104SLF Datasheet HTML 19Page - AZ Displays PD104SLF Datasheet HTML 20Page - AZ Displays PD104SLF Datasheet HTML 21Page - AZ Displays PD104SLF Datasheet HTML 22Page - AZ Displays PD104SLF Datasheet HTML 23Page - AZ Displays PD104SLF Datasheet HTML 24Page - AZ Displays PD104SLF Datasheet HTML 25Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
PD104SLF
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:23
11. Reliability Test
No
Test
Item
Test
Condition
Remark
1
High Temperature Storage Test
Ta = +70
, 240 hrs
2
Low Temperature Storage Test
Ta = -20
, 240 hrs
3
High Temperature Operation Test
Ta =+70
, 240 hrs
4
Low Temperature Operation Test
Ta = -20
, 240 hrs
5
High Temperature & High Humidity
Operation Test
Ta = +50
, 80%RH, 240 hrs
(No Condensation)
6
Thermal Cycling Test
(non-operating)
0
+60
, 100 Cycles
1Hr
1Hr
7
Vibration Test
(non-operating)
Frequency
10 ~ 57 HZ ,
Amplitude
0.15 mm,58~500Hz, 1G
Sweep time: 11 min
Test Period: 3 hrs
(1 hr for each direction of X, Y, Z)
8
Shock Test
(non-operating)
80G, 6ms, X,Y, Z
1 times for each direction
9
Electron Static Discharge
C=150pF,R=330
Contact=±8KV
Air=±15KV
10 times/terminal
Ta: ambient temperature
Note: The protective film must be removed before temperature test.
[Criteria]
In the standard conditions, there is not display function NG issue occurred. (including : line
defect ,no image). All the cosmetic specification is judged before the reliability stress.
P-511-509(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com