Electronic Components Datasheet Search
  English  ▼

X  

PD104SLF Datasheet(PDF) 9 Page - AZ Displays

Part # PD104SLF
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLF Datasheet(HTML) 9 Page - AZ Displays

Back Button PD104SLF Datasheet HTML 5Page - AZ Displays PD104SLF Datasheet HTML 6Page - AZ Displays PD104SLF Datasheet HTML 7Page - AZ Displays PD104SLF Datasheet HTML 8Page - AZ Displays PD104SLF Datasheet HTML 9Page - AZ Displays PD104SLF Datasheet HTML 10Page - AZ Displays PD104SLF Datasheet HTML 11Page - AZ Displays PD104SLF Datasheet HTML 12Page - AZ Displays PD104SLF Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PD104SLF
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
5-2) Backlight driving
Connector type : “BHSR-02VS-1” of
Japan Solderless Terminal MFG Co. LTD
Pin No
Symbol
Description
Remark
1
+
Input terminal (
)
Wire Color : Red
2
-
Input terminal (
)
Wire Color : Black
6. Absolute Maximum Ratings:
GND=0V, Ta=25
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VDD
-0.3
+4.0
V
Input Signals Voltage
VIN
-0.3
VDD+0.3
V
Note 6-1
Note 6-1: LVDS signal.
7. Electrical Characteristics
7-1) Recommended Operating Conditions:
GND = 0V
Ta = 25
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VDD
3.0
3.3
3.6
V
Current Dissipation
IDD
-
190
380
mA
Note 7-1
LVDS Differential input high threshold
VTH
-
-
100
mV
LVDS Differential input low threshold
VTL
-100
-
-
Note 7-2
Note 7-1 : To test the current dissipation of VDD, using the “color bars” testing pattern shown as
below
1
2
34
56
78
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
Idd current dissipation testing pattern
Note 7-2 : Please refers to THC63LVDF63A specification by THINE Corporation. This LCD
module conforms to LVDS standard.
P-511-509(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com