Electronic Components Datasheet Search
  English  ▼

X  

PD104SLF Datasheet(PDF) 14 Page - AZ Displays

Part # PD104SLF
Description  color TFT LCD module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLF Datasheet(HTML) 14 Page - AZ Displays

Back Button PD104SLF Datasheet HTML 10Page - AZ Displays PD104SLF Datasheet HTML 11Page - AZ Displays PD104SLF Datasheet HTML 12Page - AZ Displays PD104SLF Datasheet HTML 13Page - AZ Displays PD104SLF Datasheet HTML 14Page - AZ Displays PD104SLF Datasheet HTML 15Page - AZ Displays PD104SLF Datasheet HTML 16Page - AZ Displays PD104SLF Datasheet HTML 17Page - AZ Displays PD104SLF Datasheet HTML 18Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PD104SLF
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:14
VSYNC
R,G,B valid data
Vpw
Vp
Vbp
Vfp
Vdp
CLK
t 6
t 7
t 5
HYSNC
VSYNC
DENB
R5-R0
G5-G0
B5-B0
VALID
DATA
CLK
a
b
Duty ( a ,b ) : 50 +10%
t 8
t 9
P-511-509(V:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com