Electronic Components Datasheet Search
  English  ▼

X  

LD1960 Datasheet(PDF) 3 Page - LDT Co., Ltd

Part # LD1960
Description  9 SEGMENT X 7 GRID LED Driver with key scan
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1960 Datasheet(HTML) 3 Page - LDT Co., Ltd

  LD1960 Datasheet HTML 1Page - LDT Co., Ltd LD1960 Datasheet HTML 2Page - LDT Co., Ltd LD1960 Datasheet HTML 3Page - LDT Co., Ltd LD1960 Datasheet HTML 4Page - LDT Co., Ltd LD1960 Datasheet HTML 5Page - LDT Co., Ltd LD1960 Datasheet HTML 6Page - LDT Co., Ltd LD1960 Datasheet HTML 7Page - LDT Co., Ltd LD1960 Datasheet HTML 8Page - LDT Co., Ltd LD1960 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Ver1.0
3
LD1960
9 SEGMENT X 7 GRID LED Driver with key scan
The LD1960 is specifically designed for LED and LED DISPLAY drivers.
The LD1960 has 9 to 6 segment output lines, 7 to 4 grid output lines, one display memory, control circuit,
4 line serial data interface, and 6 x 2 matrix key scan .Those functions are all incorporated into a single
chip to build a highly reliable peripheral device for a single chip microcomputer.
It is very convenient to control for numeric display. LD1960’s pin assignments and application circuit
are optimized for easy PCB Layout and cost saving advantages.
FEATURES
• CMOS Technology
• Segment output line selection by command : 6 ~ 9
• Grid output line selection by command : 7 ~ 4
• Operation voltage : 5V
• Low Power Consumption
• 8-Step Dimming control by command
• Serial Interface for Clock, Data Input, Strobe Pins, Data output
• 20-pin, TSSOP Package
APPLICATION
• Segment LED display : VCR, DVD, MWO
DESCRIPTION
K1
DIO
CLK
STB
K2
VDD
SEG1/KS1
SEG2/KS2
SEG3/KS3
SEG4/KS4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GR1
GR2
GND
GR3
GR4
SEG14/GR5
SEG13/GR6
SEG12/GR7
SEG6/KS6
SEG5/KS5
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com