Electronic Components Datasheet Search
  English  ▼

X  

LD1960 Datasheet(PDF) 11 Page - LDT Co., Ltd

Part # LD1960
Description  9 SEGMENT X 7 GRID LED Driver with key scan
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1960 Datasheet(HTML) 11 Page - LDT Co., Ltd

Back Button LD1960 Datasheet HTML 7Page - LDT Co., Ltd LD1960 Datasheet HTML 8Page - LDT Co., Ltd LD1960 Datasheet HTML 9Page - LDT Co., Ltd LD1960 Datasheet HTML 10Page - LDT Co., Ltd LD1960 Datasheet HTML 11Page - LDT Co., Ltd LD1960 Datasheet HTML 12Page - LDT Co., Ltd LD1960 Datasheet HTML 13Page - LDT Co., Ltd LD1960 Datasheet HTML 14Page - LDT Co., Ltd LD1960 Datasheet HTML 15Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Ver1.0
11
LD1960
9 SEGMENT X 7 GRID LED Driver with key scan
COMMAND 2 : DATA SETTING COMMAND
MSB
b7
LSB
Don’t Care
Data Write Mode Settings :
00 : Write data to display mode
01 : Ignore
10 : Read key scan data
11 : Ignore
b6
b5
b4
b3
b2
b1
b0
Address Increment Mode Settings (Display Mode):
0 : Increment Address after data has been Written
1 : Fixes Address
Mode Settings :
0 : Normal Operation Mode
1 : Test mode ( User don’t use )
The data setting command consists of data write mode setting, address increment mode setting
and mode setting . And the default of b3 to b0 are all “0” for power on.
The Data write mode settings have 2bit (b1,b0) for writing data to display mode and read key scan
data. And address increment mode setting has 1bit (b2) for selecting address Increment or fixed.
And mode setting has1bit (b3) for selecting normal operation or test mode. 2bits(b5,b4) are don’t
care bits. The command bits (b7,b6) are “0”,”1” for COMMAND2.
01 : COMMAND 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com