Electronic Components Datasheet Search
  English  ▼

X  

LD1960 Datasheet(PDF) 4 Page - LDT Co., Ltd

Part # LD1960
Description  9 SEGMENT X 7 GRID LED Driver with key scan
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1960 Datasheet(HTML) 4 Page - LDT Co., Ltd

  LD1960 Datasheet HTML 1Page - LDT Co., Ltd LD1960 Datasheet HTML 2Page - LDT Co., Ltd LD1960 Datasheet HTML 3Page - LDT Co., Ltd LD1960 Datasheet HTML 4Page - LDT Co., Ltd LD1960 Datasheet HTML 5Page - LDT Co., Ltd LD1960 Datasheet HTML 6Page - LDT Co., Ltd LD1960 Datasheet HTML 7Page - LDT Co., Ltd LD1960 Datasheet HTML 8Page - LDT Co., Ltd LD1960 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Ver1.0
4
LD1960
9 SEGMENT X 7 GRID LED Driver with key scan
PIN DESCRIPTION
PIN NAME
K1
CLK
STB
VDD
SEG1/KS1 to
SEG6/KS6
SEG12/GR7
SEG13/GR6
I/O
I
I
I
-
O
O
O
DESCRIPTION
Key scan input pins.
This pin is operated with SEG1/KS1 to SEG6/KS6 pins.
This pin has Pull down resistor internally.
Serial clock input pin.
Input data is trigger at rising edge.
Output data is trigger at falling edge.
When this pin is HIGH, CLK signal is ignored.
The data input after the STB has fallen is processed
as a command.
Power Supply
Segment output pins. ( P-channel open drain)
Also key scan source pins.
Segment / Grid output pin.
Segment / Grid output pin.
PIN No.
1
3
4
6
7,8,9,10
11,12
13
14
Serial Data Input and N-channel open drain Output Pin.
This pin inputs serial data at CLK rising edge.
This pin outputs at CLK falling edge.
2
DIO
I/O
K2
I
Key scan input pin.
This pin is operated with SEG1/KS1 to SEG6/KS6 pins.
This pin has Pull down resistor internally.
5
GND
-
Ground Pin
18
SEG14/GR5
O
Segment / Grid output pin.
15
GR4,GR3,GR2,GR1
O
Grid output pin
16,17,19,2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com