Electronic Components Datasheet Search
  English  ▼

X  

LD1960 Datasheet(PDF) 8 Page - LDT Co., Ltd

Part # LD1960
Description  9 SEGMENT X 7 GRID LED Driver with key scan
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1960 Datasheet(HTML) 8 Page - LDT Co., Ltd

Back Button LD1960 Datasheet HTML 4Page - LDT Co., Ltd LD1960 Datasheet HTML 5Page - LDT Co., Ltd LD1960 Datasheet HTML 6Page - LDT Co., Ltd LD1960 Datasheet HTML 7Page - LDT Co., Ltd LD1960 Datasheet HTML 8Page - LDT Co., Ltd LD1960 Datasheet HTML 9Page - LDT Co., Ltd LD1960 Datasheet HTML 10Page - LDT Co., Ltd LD1960 Datasheet HTML 11Page - LDT Co., Ltd LD1960 Datasheet HTML 12Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Ver1.0
8
LD1960
9 SEGMENT X 7 GRID LED Driver with key scan
SWITCHING CHARACTERISTIC WAVEFORM
LD1960 Switching Characteristics Waveform is given below.
PW CLK (Clock Pulse Width) ≥400ns
t setup (Data Setup Time) ≥ 100ns
t CLK-STB (Clock - Strobe Time) ≥ 1㎲
t TZH (Rise Time) ≤ 1㎲
t TZL <1㎲
PWSTB (Strobe Pulse Width) ≥ 1㎲
thold (Data Hold Time) ≥ 100ns
t THZ (Fall Time) ≤ 10㎲
t TLZ <10㎲
t PZL (Propagation Delay Time) ≤ 100ns
t PLZ (Propagation Delay Time) ≤ 300ns
OSC
(Internal)
STB
CLK
DIO
(Input)
GRn
SEGn
10%
90%
fOSC
PWCLK
PWCLK
tsetup
thold
PWSTB
tCLK-STB
90%
10%
tTZL
tTZH
tTLZ
tTHZ
DIO
(Output)
tPZL
tPLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com