Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7940
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7940 Datasheet HTML 5Page - Analog Devices AD7940 Datasheet HTML 6Page - Analog Devices AD7940 Datasheet HTML 7Page - Analog Devices AD7940 Datasheet HTML 8Page - Analog Devices AD7940 Datasheet HTML 9Page - Analog Devices AD7940 Datasheet HTML 10Page - Analog Devices AD7940 Datasheet HTML 11Page - Analog Devices AD7940 Datasheet HTML 12Page - Analog Devices AD7940 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7903
Data Sheet
Rev. A | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V, TA = 25°C, fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 5. Integral Nonlinearity vs. Code, VREF = 5 V
Figure 6. Integral Nonlinearity vs. Code, VREF = 2.5 V
Figure 7. FFT Plot, VREF = 5 V
Figure 8. Differential Nonlinearity vs. Code, VREF = 5 V
Figure 9. Differential Nonlinearity vs. Code, VREF = 2.5 V
Figure 10. FFT Plot, VREF = 2.5 V
0
65536
16384
32768
49152
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
POSITIVE INL: +0.35 LSB
NEGATIVE INL: –0.39 LSB
0
65536
16384
32768
49152
POSITIVE INL: +0.39 LSB
NEGATIVE INL: –0.44 LSB
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
0
500
100
200
300
400
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY (kHz)
fSAMPLE = 1MSPS
fIN = 10kHz
SNR = 95.04dB
THD = –117.3dB
SFDR = 114.6dB
SINAD = 95.02dB
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
0
65536
16384
32768
49152
POSITIVE DNL: +0.31 LSB
NEGATIVE DNL: –0.38 LSB
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
CODE
0
65536
16384
32768
49152
POSITIVE DNL: +0.39 LSB
NEGATIVE DNL: –0.39 LSB
0
–180
–160
–140
–120
–100
–80
–60
–40
–20
FREQUENCY (kHz)
fSAMPLE = 1MSPS
fIN = 10kHz
SNR = 91.96dB
THD = –110.2dB
SFDR = 114.5dB
SINAD = 91.91dB
0
500
100
200
300
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com