Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7940
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7940 Datasheet HTML 8Page - Analog Devices AD7940 Datasheet HTML 9Page - Analog Devices AD7940 Datasheet HTML 10Page - Analog Devices AD7940 Datasheet HTML 11Page - Analog Devices AD7940 Datasheet HTML 12Page - Analog Devices AD7940 Datasheet HTML 13Page - Analog Devices AD7940 Datasheet HTML 14Page - Analog Devices AD7940 Datasheet HTML 15Page - Analog Devices AD7940 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 11 of 28
Figure 23. Operating Currents of Each ADC vs. Temperature
Figure 24. Offset Error vs. Temperature
Figure 25. Gain Error vs. Temperature
Figure 26. Power-Down Current of Each ADC vs. Temperature
Figure 27. Offset Error Match vs. Temperature
Figure 28. Gain Error Match vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD
IREF
IVIO
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
0.05
–0.05
–0.03
–0.01
0.01
0.03
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
8
7
6
5
4
3
2
1
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD + IVIO
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
0.010
–0.010
–0.005
0
0.005
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com