Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7940
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7940 Datasheet HTML 14Page - Analog Devices AD7940 Datasheet HTML 15Page - Analog Devices AD7940 Datasheet HTML 16Page - Analog Devices AD7940 Datasheet HTML 17Page - Analog Devices AD7940 Datasheet HTML 18Page - Analog Devices AD7940 Datasheet HTML 19Page - Analog Devices AD7940 Datasheet HTML 20Page - Analog Devices AD7940 Datasheet HTML 21Page - Analog Devices AD7940 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 17 of 28
VOLTAGE REFERENCE INPUT
The AD7903 voltage reference input, REF, has a dynamic input
impedance and must therefore be driven by a low impedance
source with efficient decoupling between the REFx and GND
pins, as explained in the Layout section.
When REF is driven by a very low impedance source (for
example, a reference buffer using the AD8031 or the AD8605),
a 10 µF (X5R, 0805 size) ceramic chip capacitor is appropriate
for optimum performance.
If an unbuffered reference voltage is used, the decoupling value
depends on the reference used. For instance, a 22 µF (X5R,
1206 size) ceramic chip capacitor is appropriate for optimum
performance using a low temperature drift ADR43x reference.
If desired, a reference decoupling capacitor with values as small
as 2.2 µF can be used with a minimal impact on performance,
especially DNL.
Regardless, there is no need for an additional lower value ceramic
decoupling capacitor (for example, 100 nF) between the REFx
and GND pins.
POWER SUPPLY
The AD7903 uses two power supply pins per ADC: a core supply
(VDDx) and a digital input/output interface supply (VIOx).
VIOx allows direct interface with any logic between 1.8 V and
5.5 V. To reduce the number of supplies needed, VIOx and VDDx
can be tied together. The AD7903 is independent of power supply
sequencing between VIOx and VDDx. Additionally, it is very
insensitive to power supply variations over a wide frequency
range, as shown in Figure 37.
Figure 37. PSRR vs. Frequency
For optimum performance, ensure that VDDx is roughly half of
REFx, the voltage reference input. For example, if REFx is 5.0 V,
set VDDx to 2.5 V (±5%).
The AD7903 powers down automatically at the end of each
conversion phase; therefore, the power scales linearly with the
sampling rate. This makes the part ideal for low sampling rates
(of even a few hertz) and low battery-powered applications.
Figure 38. Operating Currents per ADC vs. Sampling Rate
DIGITAL INTERFACE
Although the AD7903 has a reduced number of pins, it offers
flexibility in its serial interface modes.
When in CS mode, the AD7903 is compatible with SPI, QSPI,
digital hosts, and DSPs. In this mode, the AD7903 can use either
a 3-wire or 4-wire interface. A 3-wire interface using the CNVx,
SCKx, and SDOx signals minimizes wiring connections useful,
for instance, in isolated applications. A 4-wire interface using
the SDIx, CNVx, SCKx, and SDOx signals allows CNVx, which
initiates the conversions, to be independent of the readback
timing (SDIx). This is useful in low jitter sampling or
simultaneous sampling applications.
When in chain mode, the AD7903 provides a daisy-chain feature
using the SDIx input for cascading multiple ADCs on a single
data line similar to a shift register. With the AD7903 housing
two ADCs in one package, chain mode can be utilized to
acquire data from both ADCs while using only one set of 4-wire
user interface signals.
The mode in which the device operates depends on the SDIx
level when the CNVx rising edge occurs. CS mode is selected if
SDIx is high, and chain mode is selected if SDIx is low. The
SDIx hold time is such that when SDIx and CNVx are connected
together, chain mode is always selected.
In either mode, the AD7903 offers the option of forcing a start
bit in front of the data bits. This start bit can be used as a busy
signal indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a busy indicator, the user must time
out the maximum conversion time prior to readback.
The busy indicator feature is enabled as follows:
•
In CS mode if CNVx or SDIx is low when the ADC
conversion ends (see Figure 42 and Figure 46).
•
In chain mode if SCKx is high during the CNVx rising
edge (see Figure 50).
95
90
85
80
75
70
65
60
1k
10k
100k
1M
FREQUENCY (Hz)
10
1
0.1
0.01
0.001
100000
SAMPLING RATE (SPS)
10000
1000000
IREF
IVDD
IVIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com