Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7940
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7940 Datasheet HTML 18Page - Analog Devices AD7940 Datasheet HTML 19Page - Analog Devices AD7940 Datasheet HTML 20Page - Analog Devices AD7940 Datasheet HTML 21Page - Analog Devices AD7940 Datasheet HTML 22Page - Analog Devices AD7940 Datasheet HTML 23Page - Analog Devices AD7940 Datasheet HTML 24Page - Analog Devices AD7940 Datasheet HTML 25Page - Analog Devices AD7940 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 21 of 28
CS Mode, 4-Wire Interface with Busy Indicator
CS mode, using a 4-wire interface with a busy indicator, is
usually used when an AD7903 is connected to a SPI-compatible
digital host with an interrupt input. This CS mode is also used
when it is desirable to keep CNVx, which is used to sample the
analog input, independent of the signal that is used to select the
data reading. This independence is particularly important in
applications where low jitter on CNVx is desired.
The connection diagram is shown in Figure 45, and the
corresponding timing is given in Figure 46.
With SDIx high, a rising edge on CNVx initiates a conversion,
selects CS mode, and forces SDOx to high impedance. In this
mode, CNVx must be held high during the conversion phase
and the subsequent data readback. (If SDIx and CNVx are low,
SDOx is driven low.) Prior to the minimum conversion time,
SDIx can be used to select other SPI devices, such as analog
multiplexers, but SDIx must be returned low before the
minimum conversion time elapses and then held low for the
maximum possible conversion time to guarantee the generation
of the busy signal indicator. When the conversion is complete,
SDOx goes from high impedance to low impedance. With a
pull-up on the SDOx line, this transition can be used as an
interrupt signal to initiate the data readback controlled by the
digital host. The AD7903 then enters the acquisition phase and
powers down. The data bits are then clocked out, MSB first, by
subsequent SCKx falling edges. The data is valid on both SCKx
edges. Although the rising edge can be used to capture the data,
a digital host using the SCKx falling edge allows a faster reading
rate, provided that it has an acceptable hold time. After the
optional 17th SCKx falling edge or SDIx going high (whichever
occurs first), SDOx returns to high impedance.
Figure 45. CS Mode, 4-Wire Interface with Busy Indicator Connection Diagram
Figure 46. CS Mode, 4-Wire Interface with Busy Indicator Serial Interface Timing
AD7903
SDIx
SDOx
CNVx
SCKx
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIOx
47kΩ
CS1
tCONV
tCYC
ACQUISITION
tSSDICNV
ACQUISITION
tACQ
tSCK
tSCKH
tSCKL
CONVERSION
SDIx
tHSDICNV
SCKx
CNVx
SDOx
tEN
D15
D14
D1
D0
tHSDO
1
2
3
15
16
17
tDSDO
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com