Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7940
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7940 Datasheet HTML 12Page - Analog Devices AD7940 Datasheet HTML 13Page - Analog Devices AD7940 Datasheet HTML 14Page - Analog Devices AD7940 Datasheet HTML 15Page - Analog Devices AD7940 Datasheet HTML 16Page - Analog Devices AD7940 Datasheet HTML 17Page - Analog Devices AD7940 Datasheet HTML 18Page - Analog Devices AD7940 Datasheet HTML 19Page - Analog Devices AD7940 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 15 of 28
TYPICAL CONNECTION DIAGRAM
Figure 35 shows an example of the recommended connection
diagram for the AD7903 when multiple supplies are available.
ANALOG INPUTS
Figure 33 shows an equivalent circuit of the input structure of
the AD7903.
The two diodes, D1 and D2, provide ESD protection for the
analog inputs, INx+ and INx−. The analog input signal must never
exceed the reference input voltage (VREF) by more than 0.3 V. If
the analog input signal exceeds this level, the diodes become
forward biased and start conducting current. These diodes can
handle a forward-biased current of 130 mA maximum.
However, if the supplies of the input buffer (for example, the
supplies of the ADA4841-1 in Figure 35) are different from
those of the VREF, the analog input signal may eventually exceed
the supply rails by more than 0.3 V. In such a case (for example,
an input buffer with a short circuit), the current limitation can
be used to protect the device.
Figure 33. Equivalent Analog Input Circuit
The analog input structure allows for the sampling of the
differential signal between INx+ and INx−. By using these
differential inputs, signals common to both inputs, and within
the allowable common-mode input range, are rejected.
Figure 34. Analog Input CMRR vs. Frequency
During the acquisition phase, the impedance of the analog inputs
(INx+ or INx−) can be modeled as a parallel combination of the
CPIN capacitor and the network formed by the series connection
of RIN and CIN. CPIN is primarily the pin capacitance. RIN is typically
400 Ω and is a lumped component composed of serial resistors
and the on resistance of the switches. CIN is typically 30 pF and
is mainly the ADC sampling capacitor.
During the sampling phase, where the switches are closed, the
input impedance is limited to CPIN. RIN and CIN make a one-pole,
low-pass filter that reduces undesirable aliasing effects and limits
noise.
When the source impedance of the driving circuit is low, the
AD7903 can be driven directly. Large source impedances
significantly affect the ac performance, especially THD. The
dc performances are less sensitive to the input impedance. The
maximum source impedance depends on the amount of THD
that can be tolerated. The THD degrades as a function of the
source impedance and the maximum input frequency.
Figure 35. Typical Application Diagram with Multiple Supplies
CPIN
REFx
RIN
CIN
D1
D2
INx+ OR INx–
GND
90
85
80
75
70
65
60
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AD7903
ADCx
3-WIRE INTERFACE
2.5V
V+
1.8V TO 5V
100nF
10µF2
100nF
REFx
INx+
INx–
VDDx
VIOx SDIx
CNVx
SCKx
SDOx
GND
REF1
20
Ω
V+
V–
0V TO VREF
2.7nF
4
20
Ω
V+
V–
VREF TO 0V
ADA4841-1 3
2.7nF
4
1SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
SEE RECOMMENDED LAYOUT IN FIGURE 54.
3SEE THE DRIVER AMPLIFIER CHOICE SECTION.
4OPTIONAL FILTER. SEE THE ANALOG INPUTS SECTION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com