Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS3953 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AS3953 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
www.ams.com
Revision 1.0
18 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7.8 Transparent Mode
In the Transparent Mode the AS3953 logic is bypassed, AFE input and output signals are directly available on SPI interface pins when /SS signal
is high.

Modulator switch is controlled by pin MOSI (high is modulator on)

Clock extractor output is sent to pin MISO

Demodulator output is sent to pin IRQ
When /SS signal is low the SPI interface pins resume its normal functionality.
In this mode the EEPROM can be accessed via SPI when the RF field is active.
7.9 EEPROM
The AS3953 contains an EEPROM block which can be accessed from both RFID and SPI interface. EEPROM contains 1024 bits (128 bytes)
organized in 32 words of 32 bits. Words in EEPROM are number from 0 to 31(1F[hex]). Bits in a word are numbered from 0 to 31.
Most of the EEPROM is used to store user data (27 words – 864 bits), five words are used to store some housekeeping information (part of the
AS3953 UID, configuration bits which define the AS3953 operating options, lock bits, which control the possibility to write EEPROM words).
Access properties:
RO: Read only, writing to this word is not possible
RW: Reading and writing to this word is possible, writing is disabled once the lock bit is set
OTP: One time programmable. A bit of this word once set to ‘1’ cannot be set back to ‘0’.
7.9.1 UID Word
The UID word contains four LSB bytes of 7 byte UID which is used during anti-collision and selection process. Every IC is programmed by a
unique number during fabrication process at
ams. For details on UID, please refer to Coding of UID on page 12.
7.9.2 Fabrication Data Word
This word stores some IC manufacturer data which is programmed and locked during fabrication process at
ams.
Table 4. EEPROM Organization
Word Address [hex]
Content
Access Properties
0UID
RO
1
Fabrication Data
RO
2
Configuration Word
RW
3
Write Lock Word
OTP
4
Read Lock Word
OTP
5
:
:
:
:
:
:
1F
User Data
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com