Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS3953 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AS3953 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
www.ams.com
Revision 1.0
9 - 42
AS3953
Datasheet - D e t a il e d D es c r i pt io n
7 Detailed Description
Figure 3. System Block Diagram
7.1 Circuit
The AS3953 is composed of ISO 14443A PICC Analog Front-end (PICC AFE), the ISO 14443A PICC Logic (PICC Logic), EEPROM, SPI
Interface, Level Shifters and Power Supply Manager Block (Power Manager).
The PICC AFE is connected to an external tag coil, which forms together with integrated resonant capacitor an LC tank with a resonance at the
external electromagnetic field frequency of 13.56 MHz. The PICC AFE has a built in rectifier and regulators. Output of internal regulator is called
VP_INT. It is used to supply the PICC AFE and usually also the LOGIC and EEPROM (through Power Supply Manager). Output of external
regulator VP_REG is available on a pin to supply some external circuitry.
Power Manager is controlling power supply of Logic and EEPROM. The two blocks can be supplied either from VP_INT or from VP_SPI (SPI
power supply). In order to save current on VP_SPI, VP_INT is used as power supply whenever it is available. VP_SPI is only used when some
activity is started over the SPI and the VP_REG is too low to be used as a power supply.
The PICC Logic is responsible for PICC-to-PCD communication up to the Level-4 (block transmission) of ISO 14443A. This means that anti-
collision and other low-level functionality are implemented there.
The SPI Interface logic contains a 32 byte FIFO for block transmission data which is exchanged on Level-4 of ISO 14443A communication. It
also contains some control and display registers.
The EEPROM is used to store the UID, the housekeeping data (configuration and control bits) and user data. It can be accessed from both sides
(RFID and SPI).
7.2 PICC AFE
Figure 4 depicts main PICC AFE building blocks.
The PICC AFE is connected to external tag coil, which together with the integrated resonant capacitor forms an LC tank with resonance at
external electromagnetic field frequency (13.56 MHz). Figure 4 depicts the main PICC AFE building blocks.
Rectifier: Extracts DC power supply from AC voltage induced on coil terminals.
Limiter: Limits the maximum voltage on coil terminals to protect PICC AFE from destruction. At voltages that exceed limiter voltage it starts to
absorb current (acts as some sort of shunt regulator).
Modulator Switch: Is used for communication PICC-to-PCD. When switched on, it will draw current from coil terminals. This mechanism is
called load modulation. Variation of current in the modulator switch (ON and OFF state) is seen as modulation by the PCD.
Demodulator: Is used for communication PICC-to-PCD. It detects AM modulation of the PCD magnetic field. The demodulator is designed to
accept modulation according to ISO 14443A; all standard bit rates from 106 kb/s to 848 kb/s are supported. The modulation for bit rate 106 kb/s
is 100%, whereas for other bit rates it may be less.
ISO 14443A
Reader
AS3953
Microcontroller
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com