Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS3953 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AS3953 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 24Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 25Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
www.ams.com
Revision 1.0
22 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8 Application Information
8.1 SPI Interface
Communication between the AS3953 and controller is done through a 4-wire Serial Peripheral Interface (SPI) and additional interrupt signal. The
AS3953 is an SPI slave device; it requests controller attention by sending an interrupt (IRQ pin).
While signal /SS is high the SPI interface is in reset, while it is low the SPI interface is enabled. It is recommended to keep signal /SS high
whenever the SPI interface is not in use. MOSI is sampled at the falling edge of SCLK. All communication is done in blocks of 8 bits (bytes). First
three bits of first byte transmitted after high to low transition of /SS define SPI operation mode. MSB bit is always transmitted first (valid for
address and data). Read and Write modes support address auto incrementing, which means that in case after the address and first data byte
some additional data bytes are sent (read), they are written to (read from) addresses incremented by ‘1’.
SPI interface supports the following modes:

Read and write of the SPI Interface internal registers

Read and write of the EEPROM

Read and write of the FIFO

Sending direct commands
Please note that the only SPI operations, which are allowed when logic and EEPROM are supplied from VP_SPI, are reading and writing of
EEPROM and registers (see also Power Manager on page 11).
MISO output is usually in tristate, it is only driven when output data is available. Due to this the MOSI and the MISO can be externally shorted to
create a bidirectional signal.
During the time the MISO output is in tristate, it is possible to switch on a 10 k
Ω pull-down by activating option bits miso_pd1 and miso_pd2 in IO
Configuration Register.
Table 7. SPI and Interrupt Signals
Name
Signal
Signal Level
Description
/SS
Digital input with pull-up
CMOS
SPI enable (active low)
MOSI
Digital input
CMOS
Serial data input
MISO
Digital output with tristate
CMOS
Serial data output
SCLK
Digital input
CMOS
Clock for serial communication
IRQ
Digital output
CMOS
Interrupt output pin
Table 8. SPI Modes
MODE
MODE Pattern (communication bits)
MODE Related Data
MODE
Trailer
M2
M1
M0
C4
C3
C2
C1
C0
Register Write
0
0
0
A4
A3
A2
A1
A0
Data byte (or more bytes in case of auto
incrementing)
Register Read
0
0
1
A4
A3
A2
A1
A0
Data byte (or more bytes in case of auto
incrementing)
EEPROM Write
0
1
0
0000
0
Word Address byte
4 bytes of word
data
EEPROM Read
0
1
1
1111
1
Word Address byte
4 bytes of word
data (or multiple
words in case of
auto incrementing
FIFO Load
100
0000
0
One or more bytes of FIFO data
FIFO Read
101
1111
1
One or more bytes of FIFO data
COMMAND
Mode
1
1
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com