Electronic Components Datasheet Search
  English  ▼

X  

AS3953 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS3953 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AS3953 Datasheet HTML 32Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 33Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 34Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 35Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 36Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 37Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 38Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 39Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
www.ams.com
Revision 1.0
36 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.3.6 Definition of Number of Transmitted Bytes
Number of Transmitted Bytes Register 1.
Note:
Default setting is set at power-up and after
Set Default command.
Number of Transmitted Bytes Register 2.
Note:
Default setting is set at power-up and after
Set Default command.
Address# 10h : Number of Transmitted Bytes 1
Type: RW
Bit
Name
Default
Function
Comments
7RFU
Number of full bytes to be
transmitted in one command, MSB
bits
Maximum supported number of bytes is 1023
6RFU
5
RFU
4
ntx9
0
3
ntx8
0
2
ntx7
0
1
ntx6
0
0
ntx5
0
Address# 11h : Number of Transmitted Bytes 2
Type: RW
Bit
Name
Default
Function
Comments
7
ntx4
0
Number of full bytes to be transmitted
in one command, LSB bits
Maximum supported number of bytes is 1023
6
ntx3
0
5
ntx2
0
4
ntx1
0
3
ntx0
0
2
nbtx2
Number of bits in the split byte
000 means that all bytes all full
Applicable in
- Level-3 Protocol mode in case configuration
bit
txbs is set (bit stream Tx)
- Framing mode
1
nbtx1
0
nbtx0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com