Electronic Components Datasheet Search
  English  ▼

X  

P303 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # P303
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P303 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button P303 Datasheet HTML 48Page - List of Unclassifed Manufacturers P303 Datasheet HTML 49Page - List of Unclassifed Manufacturers P303 Datasheet HTML 50Page - List of Unclassifed Manufacturers P303 Datasheet HTML 51Page - List of Unclassifed Manufacturers P303 Datasheet HTML 52Page - List of Unclassifed Manufacturers P303 Datasheet HTML 53Page - List of Unclassifed Manufacturers P303 Datasheet HTML 54Page - List of Unclassifed Manufacturers P303 Datasheet HTML 55Page - List of Unclassifed Manufacturers P303 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 684P-12-RED)
INSULATION PIERCING ALLIGATOR CCLIPS AAND TTEST LLEADS
INSULATION PIERCING AALLIGATOR CLIP
AVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
Standard wire for the following leads
is 18 AWG PVC or 20 AWG coil cord.
Additional lead lengths, wire types, and custom leads are available upon request.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S(color) = 10 of one color
(Ex. 684P-12-R/B or 684P-12-S-BLK)
Standard lengths include:
INSULATION PPIERCING AALLIGATOR CCLIP: See selected gator model.
INSULATION PPIERCING AALLIGATOR CCLIP TTO IINSULATION PPIERCING AALLIGATOR CCLIP
Alligator Model
Part Number
9350
684P-(length)-(color)
9351
684PR-(length)-(color)
Coil cord, add C after part no. (Ex. 684PRC)
MODEL 99350
49
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part Number
Description
9350
Insulation Piercing Gator, 47
Needle Cluster
9351
Insulation Piercing Gator, 17
Needle Ring Configuration
9352-((color)
Insulation Boot, Red or Black
Construction: Two piece plated steel frame with single
spring. Wire attachment is made by a single 6-32 screw
and two clinching ears for a strain relief on wire
insulation.
Insulation BBoot
P/N 99352-ccolor
Max JJaw O
Opening
MODEL 99351
COLOR CHART
Red, black
12”
18”
24”
30cm
45cm
60cm
60” Coil Cord
36”
48”
60”
90cm
120cm
150cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com