Electronic Components Datasheet Search
  English  ▼

X  

P303 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # P303
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P303 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button P303 Datasheet HTML 81Page - List of Unclassifed Manufacturers P303 Datasheet HTML 82Page - List of Unclassifed Manufacturers P303 Datasheet HTML 83Page - List of Unclassifed Manufacturers P303 Datasheet HTML 84Page - List of Unclassifed Manufacturers P303 Datasheet HTML 85Page - List of Unclassifed Manufacturers P303 Datasheet HTML 86Page - List of Unclassifed Manufacturers P303 Datasheet HTML 87Page - List of Unclassifed Manufacturers P303 Datasheet HTML 88Page - List of Unclassifed Manufacturers P303 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
ADAPTERS BBETWEEN SSERIES
Part No.
Description
9414
Type “N” Female to Standard Double Banana Plug
SPECIFICATIONS
HOUSING: Molded nylon, black.
BANANA PPLUGS: Nickel plated brass frame
with nickel silver springs, fits standard .166”
diameter sockets.
TYPE ““N” FFEMALE CCONNECTOR:
Brass housing with a tarnish resistant finish,
teflon insulation and a silver plated beryllium
copper center contact.
Part No.
Description
9225
BNC Female to Double Banana Plug
SPECIFICATIONS
HOUSING: Molded nylon, black.
BANANA PPLUGS: Nickel plated brass frame
with nickel silver springs, fits standard .166”
diameter sockets.
BNC FFEMALE: Brass housing with a tarnish
resistant finish, teflon insulation and a silver
plated beryllium copper center contact.
BNC FFEMALE TTO SSTANDARD DDOUBLE
BANANA PPLUG AADAPTER
Part No.
Description
8039
BNC Female to .080” (2.03mm) Pin
SPECIFICATIONS
HANDLE: Delrin, black.
BNC: Brass, tarnish resistant finish.
CONTACT: Beryllium copper, silver plated.
PIN PPLUG: Nickel plated brass.
BNC FFEMALE TTO SSTANDARD ..080 ((2.03mm) PPIN AADAPTER
Part No.
Description
9415
Type “N” Male to Standard Double Banana Plug
SPECIFICATIONS
HOUSING: Molded nylon, black.
BANANA PPLUGS: Nickel plated brass frame with
nickel silver springs, fits standard .166” diameter
sockets.
TYPE ““N” M
MALE CCONNECTOR:
Brass housing with a tarnish resistant finish,
teflon insulation and a silver plated brass center
contact.
Part No.
Description
9248
BNC Male to Standard Double Banana Plug
SPECIFICATIONS
HOUSING: Molded nylon, black.
BANANA PPLUGS: Nickel plated brass frame with
nickel silver springs, fits standard .166” diameter
sockets.
BNC M
MALE: Brass housing with a tarnish resistant
finish, teflon insulation and a silver plated brass
center contact.
BNC M
MALE TTO SSTANDARD
DOUBLE BBANANA PPLUG AADAPTER
Part No.
Description
8013
BNC Female to Standard Banana Plug
SPECIFICATIONS
HANDLE: Delrin, black.
BNC: Brass, tarnish resistant finish.
INSULATION: Teflon.
CONTACT: Beryllium copper, silver plated.
BANANA PPLUG: Nickel plated brass frame
with a nickel silver spring.
BNC FFEMALE TTO SSTANDARD BBANANA PPLUG AADAPTER
Part No.
Description
9226
UHF Female to Standard Double Banana Plug
SPECIFICATIONS
HOUSING: Molded nylon, black.
BANANA PPLUGS: Nickel plated brass frame
with nickel silver springs, fits standard .166”
diameter sockets.
UHF FFEMALE CCONNECTOR: Brass housing with
a tarnish resistant finish, teflon insulation and a
silver plated beryllium copper center contact.
UHF FFEMALE TTO SSTANDARD DDOUBLE
BANANA PPLUG AADAPTER
Part No.
Description
9418
UHF Male to Double Banana Plug
SPECIFICATIONS
HOUSING: Molded nylon, black.
BANANA PPLUGS: Nickel plated brass frame
with nickel silver springs, fits standard .166”
diameter sockets.
UHF M
MALE CCONNECTOR: Brass housing with a
tarnish resistant finish, Phenolic insulation and
a silver plated brass center contact.
UHF M
MALE TTO DDOUBLE BBANANA
PLUG AADAPTER
82
www.e-zz-hhooook.coom
m
TYPE ““N” FFEMALE TTO SSTANDARD DDOUBLE
BANANA PPLUG AADAPTER
TYPE ““N” M
MALE TTO SSTANDARD DDOUBLE
BANANA PPLUG AADAPTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com