Electronic Components Datasheet Search
  English  ▼

X  

P303 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # P303
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P303 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button P303 Datasheet HTML 4Page - List of Unclassifed Manufacturers P303 Datasheet HTML 5Page - List of Unclassifed Manufacturers P303 Datasheet HTML 6Page - List of Unclassifed Manufacturers P303 Datasheet HTML 7Page - List of Unclassifed Manufacturers P303 Datasheet HTML 8Page - List of Unclassifed Manufacturers P303 Datasheet HTML 9Page - List of Unclassifed Manufacturers P303 Datasheet HTML 10Page - List of Unclassifed Manufacturers P303 Datasheet HTML 11Page - List of Unclassifed Manufacturers P303 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
Standard lengths include:
28 AWG PVC WIRE
E-ZZ-PPICO-HHOOK™ TTEST LLEADS
PICO-HHOOK: See basic Pico Hook.
PICO-HHOOK: See basic Pico Hook.
.025” ((.635mm) SSQUARE SSOCKET: See Part No. 9205-HS.
PICO-HHOOK: See basic Pico Hook.
.025” ((.635mm) SSQUARE PPIN PPLUG: See Part No. 9265-HS.
PICO-HHOOK: See basic Pico Hook.
PICO-HHOOK TTO PPICO-HHOOK JJUMPER
AVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color) = 10 of one color
(Ex. P713-18-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following
leads is 28 AWG PVC or 24 AWG
Teflon.
Additional lead lengths, wire types, and custom leads are available upon request.
Test leads available
in the above colors.
Hook Model
Part Number
Pico Hook
P704-(length)-(color)
PLEASE SPECIFY LENGTH IN INCHES WHEN ORDERING
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: P713-12-RED)
5
PICO-HHOOK TTO LLEAD O
ONLY
PICO-HHOOK TTO ..025 SSQUARE PPIN ((MALE)
PICO-HHOOK TTO ..025” SSQUARE SSOCKET ((FEMALE)
24 AWG TEFLON WIRE
Orrderr DDesk: 11 ((800) 9995-HHOOK
3”
6”
12”
8cm
15cm
30cm
18”
24”
36”
45cm
60cm
90cm
MODEL PPICO
Hook Model
Part Number
Pico Hook
P304-(length)-(color)
28 AWG PVC WIRE
Hook Model
Part Number
Pico Hook
P713-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
Pico Hook
P313-(length)-(color)
28 AWG PVC WIRE
Hook Model
Part Number
Pico Hook
P730-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
Pico Hook
P330-(length)-(color)
28 AWG PVC WIRE
Hook Model
Part Number
Pico Hook
P703-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
Pico Hook
P303-(length)-(color)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com