Electronic Components Datasheet Search
  English  ▼

X  

P303 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # P303
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P303 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button P303 Datasheet HTML 51Page - List of Unclassifed Manufacturers P303 Datasheet HTML 52Page - List of Unclassifed Manufacturers P303 Datasheet HTML 53Page - List of Unclassifed Manufacturers P303 Datasheet HTML 54Page - List of Unclassifed Manufacturers P303 Datasheet HTML 55Page - List of Unclassifed Manufacturers P303 Datasheet HTML 56Page - List of Unclassifed Manufacturers P303 Datasheet HTML 57Page - List of Unclassifed Manufacturers P303 Datasheet HTML 58Page - List of Unclassifed Manufacturers P303 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
THESE M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
PATCH CORDS AAND TEST LEADS
.025” ((.635mm) SQUARE SSOCKET
.030” ((.762mm) DIAMETER SSOCKET
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Test leads available
in the above colors.
Additional lead lengths, wire types, and
custom leads are available upon request.
Standard lengths include:
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color) = 10 of one color
Standard wire for the following
leads is 22 AWG PVC.
All patch cords come standard with
heatshrink over the sockets.
SOCKET: See selected model style.
STANDARD BBANANA PPLUG: See Part No. 9202
SOCKET TTO SSTACKING SSTANDARD BBANANA PPLUG
SOCKET: See selected socket model.
STACKING SSTANDARD BBANANA PPLUG: See Part No. 9203.
Socket Model
Part Number
.025” (.635mm)
9169-(length)-(color)
.030” (.762mm)
9867-(length)-(color)
Socket Model
Part Number
.025” (.635mm)
9166-(length)-(color)
.030” (.762mm)
9861-(length)-(color)
52
Socket Model
Part Number
Wire Type
Socket Material
.025” (.635mm)
9110-(length)-(color)
22 AWG 65 x 40 PVC
Gold-Plated Socket
.025” (.635mm)
9120-(length)-(color)
28 AWG 19 x 40 PVC
Gold-Plated Socket
.025” (.635mm)
9175-(length)-(color)
22 AWG 65 x 40 PVC
Tin-Plated Socket
.030” (.762mm)
9860-(length)-(color)
22 AWG 65 x 40 PVC
Gold-Plated Socket
.025” ((.635mm) TTO ..025” ((.635mm) SSQUARE SSOCKET
.025” ((.635mm) SSQUARE SOCKET: Gold-plated beryllium copper spring. Heat shrink
insulation. Crimp assembly. See Part No. 9205.
.030” ((.762mm) DDIAMETER SSOCKET: Gold-plated nickel copper body with stainless
steel hood. Heat shrink insulation. Crimp assembly.
www.e-zz-hhooook.coom
m
SHOWN WITH HEAT SHRINK
SHOWN WITH HEAT SHRINK
.030” ((.762mm) TTO ..030” ((.762mm) DDIAMETER SSOCKET
SOCKET TTO LLEAD O
ONLY
Socket Model
Part Number
Wire Type
.025” (.635mm) 9121-(length)-(color) 22 AWG PVC
.025” (.635mm) 9122-(length)-(color) 28 AWG PVC
.025” (tin-plated) 9887-(length)-(color) 22 AWG PVC
.030” (.762mm) 9844-(length)-(color) 22 AWG PVC
SOCKET: See selected socket model.
SOCKET TTO M
METER BBANANA PPLUG
SOCKET: See selected socket model.
METER BBANANA PPLUG: See Part No. 9206.
Socket Model
Part Number
.025” (.635mm)
9170-(length)-(color)
.030” (.762mm)
9870-(length)-(color)
SOCKET TTO SSTANDARD BBANANA PPLUG
75cm
90cm
120cm
150cm
30”
36”
48”
60”
6”
12”
18”
24”
15cm
30cm
45cm
60cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com