Electronic Components Datasheet Search
  English  ▼

X  

P303 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # P303
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P303 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button P303 Datasheet HTML 60Page - List of Unclassifed Manufacturers P303 Datasheet HTML 61Page - List of Unclassifed Manufacturers P303 Datasheet HTML 62Page - List of Unclassifed Manufacturers P303 Datasheet HTML 63Page - List of Unclassifed Manufacturers P303 Datasheet HTML 64Page - List of Unclassifed Manufacturers P303 Datasheet HTML 65Page - List of Unclassifed Manufacturers P303 Datasheet HTML 66Page - List of Unclassifed Manufacturers P303 Datasheet HTML 67Page - List of Unclassifed Manufacturers P303 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
Construction:
Nylon handle. Nickel-silver
spring. Nickel-plated
brass socket. Solderless
assembly.
Colors: Available in red
and black.
Construction:
Nylon handle. Beryllium copper spring.
Music wire socket, nickel-plated.
Solderless assembly.
Colors: Available in red and black.
NO. DDB500 SSTACKING M
MINIATURE DDOUBLE BBANANA PPLUG
BANANA PPLUGS
NO. DDB750 SSTACKING DDOUBLE BBANANA PPLUG
61
Orrderr DDesk: 11 ((800) 9995-HHOOK
INSULATED SSPADE LLUGS
Part No. Description
9208
.250” Spade Lug
Construction: Plastic handle; .050” (1.27mm) thick nickel plated brass lug. Solder
assembly.
Colors: Available in red and black.
.250” ((6.35mm) IINSULATED SSPADE LLUG
Part No. Description
9385
Spade Lug (fits .25” and #8) to Banana Socket
SPADE LLUG TTO BBANANA SSOCKET, AACCEPTS SSHROUDED BBANANA
PLUGS
Construction: Nylon handle. Banana socket and spade lug are nickel-plated brass.
Colors: Black, red, yellow, green, blue and white.
.250” ((6.35mm) IINSULATED SSPADE LLUG TTO SSTD. BBANANA SSOCKET
Construction: Housing is molded nylon; banana socket is machined brass; spade lug is
brass, both are nickel-plated.
Colors: Available in red and black.
Part No.
Description
8020-(color) .250” Insulated Spade Lug to Std. Banana Socket
.140” ((3.57mm) IINSULATED SSPADE LLUG
Part No. Description
9209
.140” Spade Lug for AWG22 to 18 Lead
Insulation Maximum: .150” (3.81mm)
For No. 6 Screw—.140” (3.55mm)
Construction: Vinyl insulator. Tin-plated copper lug. Crimp on assembly.
Colors: Red.
Part No. Description
DB750 Stacking Double
Banana Plug
Part No. Description
DB500 Stacking Double
Mini Banana Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com