Electronic Components Datasheet Search
  English  ▼

X  

AD420 Datasheet(PDF) 4 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 4 Page - Analog Devices

  AD420 Datasheet HTML 1Page - Analog Devices AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD420
Rev. H | Page 4 of 16
AD420-32 Version
Parameter
Min
Typ
Max
Units
Comments
POWER SUPPLY
Operating Range VCC
12
32
V
Quiescent Current
4.2
5.5
mA
Quiescent Current (External VLL)
3
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
°C
1 External capacitor selection must be as described in Figure 6.
2 Total Output Error includes Offset and Gain Error. Total Output Error and Offset Error are with respect to the Full-Scale Output and are measured with an ideal +5 V
reference. If the internal reference is used, the reference errors must be added to the Offset and Total Output Errors.
3 PSRR is measured by varying VCC from 12 V to its maximum 32 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com