Electronic Components Datasheet Search
  English  ▼

X  

AD420 Datasheet(PDF) 5 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 5 Page - Analog Devices

  AD420 Datasheet HTML 1Page - Analog Devices AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD420
Rev. H | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC to GND
32 V
IOUT to GND
VCC
Digital Inputs to GND
−0.5 V to +7 V
Digital Output to GND
−0.5 V to VLL + 0.3 V
VLL and REF OUT: Outputs Safe for
Indefinite Short to Ground
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
+300°C
Lead Temperature, Soldering Reflow
+260°C
Thermal Impedance:
SOIC (R) Package
θJA = 75°C/W
PDIP (N) Package
θJA = 50°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3. Truth Table
Inputs
CLEAR
Range
Select 2
Range
Select 1
Operation
0
X
X
Normal operation
1
X
X
Output at bottom of
span
X
0
0
0 V–5 V range
X
0
1
4 mA–20 mA range
X
1
0
0 mA–20 mA range
X
1
1
0 mA–24 mA range
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com