Electronic Components Datasheet Search
  English  ▼

X  

AD420 Datasheet(PDF) 8 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices AD420 Datasheet HTML 10Page - Analog Devices AD420 Datasheet HTML 11Page - Analog Devices AD420 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD420
Rev. H | Page 8 of 16
TERMINOLOGY
Resolution
For 16-bit resolution, 1 LSB = 0.0015% of the FSR. In the
4 mA–20 mA range 1 LSB = 244 nA.
Integral Nonlinearity
Analog Devices defines integral nonlinearity as the maximum
deviation of the actual, adjusted DAC output from the ideal
analog output (a straight line drawn from 0 to FS – 1 LSB) for
any bit combination. This is also referred to as relative accuracy.
Differential Nonlinearity
Differential nonlinearity is the measure of the change in the
analog output, normalized to full scale, associated with an LSB
change in the digital input code. Monotonic behavior requires
that the differential linearity error be greater than –1 LSB over
the temperature range of interest.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital inputs with the result that the
output will always be a single-valued function of the input.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded after offset
error has been adjusted out.
Offset Error
Offset error is the deviation of the output current from its ideal
value expressed as a percentage of the fullscale output with all
0s loaded in the DAC.
Drift
Drift is the change in a parameter (such as gain and offset) over
a specified temperature range. The drift temperature coefficient,
specified in ppm/°C, is calculated by measuring the parameter
at TMIN, 25°C, and TMAX and dividing the change in the
parameter by the corresponding temperature change.
Current Loop Voltage Compliance
The voltage compliance is the maximum voltage at the IOUT pin for
which the output current will be equal to the programmed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com