Electronic Components Datasheet Search
  English  ▼

X  

AD420 Datasheet(PDF) 3 Page - Analog Devices

Part # AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 3 Page - Analog Devices

  AD420 Datasheet HTML 1Page - Analog Devices AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD420
Rev. H | Page 3 of 16
SPECIFICATIONS
TA = TMIN − TMAX, VCC = +24 V, unless otherwise noted.
Table 1.
AD420-32 Version
Parameter
Min
Typ
Max
Units
Comments
RESOLUTION
16
Bits
IOUT CHARACTERISTICS
RL = 500 Ω
Operating Current Ranges
4
20
mA
0
20
mA
0
24
mA
Current Loop Voltage Compliance
0
VCC − 2.75 V
V
Settling Time (to 0.1% of FS)1
2.5
3
ms
Output Impedance (Current Mode)
25
MΩ
Accuracy2
Monotonicity
16
Bits
Integral Nonlinearity
±0.002
±0.012
%
Offset (0 mA or 4 mA) (TA = +25°C)
±0.05
%
Offset Drift
20
50
ppm/° C
Total Output Error (20 mA or 24 mA) (TA = +25°C)
±0.15
%
Total Output Error Drift
20
50
ppm/° C
PSRR3
5
10
μA/V
VOUT CHARACTERISTICS
FS Output Voltage Range (Pin 17)
0
5
V
VOLTAGE REFERENCE
REF OUT
Output Voltage (TA = +25° C)
4.995
5.0
5.005
V
Drift
±25
ppm/° C
Externally Available Current
5
mA
Short Circuit Current
7
mA
REF IN
Resistance
30
kΩ
VLL
Output Voltage
4.5
V
Externally Available Current
5
mA
Short Circuit Current
20
mA
DIGITAL INPUTS
VIH (Logic 1)
2.4
V
VIL (Logic 0)
0.8
V
IIH (VIN = 5.0 V)
±10
μA
IIL (VIN = 0 V)
±10
μA
Data Input Rate (3-Wire Mode)
No Minimum
3.3
MBPS
Data Input Rate (Asynchronous Mode)
No Minimum
150
kBPS
DIGITAL OUTPUTS
FAULT DEFECT
VOH (10 kΩ Pull-Up Resistor to VLL)
3.6
4.5
V
VOL (10 kΩ Pull-Up Resistor to VLL)
0.2
0.4
V
VOL @ 2.5 mA
0.6
V
DATA OUT
VOH (IOH = −0.8 mA)
3.6
4.3
V
VOL (IOL = 1.6 mA)
0.3
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com